Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT16374DLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT16374DLR
Description  16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT16374DLR Datasheet(HTML) 1 Page - Texas Instruments

  74ACT16374DLR Datasheet HTML 1Page - Texas Instruments 74ACT16374DLR Datasheet HTML 2Page - Texas Instruments 74ACT16374DLR Datasheet HTML 3Page - Texas Instruments 74ACT16374DLR Datasheet HTML 4Page - Texas Instruments 74ACT16374DLR Datasheet HTML 5Page - Texas Instruments 74ACT16374DLR Datasheet HTML 6Page - Texas Instruments 74ACT16374DLR Datasheet HTML 7Page - Texas Instruments 74ACT16374DLR Datasheet HTML 8Page - Texas Instruments 74ACT16374DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN54ACT16374, 74ACT16374
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCAS124B – MARCH 1990 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
t Family
D Inputs Are TTL-Voltage Compatible
D 3-State Bus-Driving True Outputs
D Flow-Through Architecture Optimizes
PCB Layout
D Distributed Center-Pin VCC and GND
Configurations Minimize High-Speed
Switching Noise
D EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings
description
The SN54ACT16374 and 74ACT16374 are 16-bit
edge-triggered D-type flip-flops with 3-state
outputs
designed
specifically
for
driving
highly-capacitive or relatively low-impedance
loads.
They
are
particularly
suitable
for
implementing
buffer
registers,
I/O
ports,
bidirectional bus drivers, and working registers.
These devices can be used as two 8-bit flip-flops or one 16-bit flip-flop. On the positive transition of the clock
(CLK) input, the Q outputs of the flip-flop take on the logic levels set up at the data (D) inputs.
An output-enable input (OE) can be used to place the outputs in either a normal logic state (high or low logic
levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines
significantly. The high-impedance state provides the capability to drive bus lines in a bus-organized system
without need for interface or pullup components. OE does not affect the internal operations of the flip-flop. Old
data can be retained or new data can be entered while the outputs are in the high-impedance state.
The 74ACT16374 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit board area.
The SN54ACT16374 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The 74ACT16374 is characterized for operation from –40
°C to 85°C.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Q1
1Q2
GND
1Q3
1Q4
VCC
1Q5
1Q6
GND
1Q7
1Q8
2Q1
2Q2
GND
2Q3
2Q4
VCC
2Q5
2Q6
GND
2Q7
2Q8
2OE
1CLK
1D1
1D2
GND
1D3
1D4
VCC
1D5
1D6
GND
1D7
1D8
2D1
2D2
GND
2D3
2D4
VCC
2D5
2D6
GND
2D7
2D8
2CLK
SN54ACT16374 . . . WD PACKAGE
74ACT16374 . . . DL PACKAGE
(TOP VIEW)


Similar Part No. - 74ACT16374DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16374DLR TI-74ACT16374DLR Datasheet
178Kb / 10P
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16374DLR TI2-74ACT16374DLR Datasheet
271Kb / 11P
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT16374DLR.A TI2-74ACT16374DLR.A Datasheet
271Kb / 11P
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT16374DLRG4 TI-74ACT16374DLRG4 Datasheet
178Kb / 10P
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16374DLRG4 TI2-74ACT16374DLRG4 Datasheet
271Kb / 11P
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results

Similar Description - 74ACT16374DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16374A TI-SN54ABT16374A Datasheet
109Kb / 11P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT16374 TI-SN54ACT16374 Datasheet
178Kb / 10P
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC16374 TI-SN54AHC16374 Datasheet
135Kb / 8P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374 Datasheet
113Kb / 7P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162374 HITACHI-HD74ALVCH162374 Datasheet
55Kb / 12P
16-bit Edge triggered D-type Flip Flops with 3-state Outputs
logo
Texas Instruments
54AC16374 TI-54AC16374 Datasheet
187Kb / 9P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A_07 Datasheet
340Kb / 13P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374_08 Datasheet
350Kb / 11P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A_08 Datasheet
370Kb / 13P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374_08 Datasheet
377Kb / 13P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com