Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G80 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # 74LVC1G80
Description  Single D-type flip-flop; positive-edge trigger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

74LVC1G80 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button 74LVC1G80 Datasheet HTML 9Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 10Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 11Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 12Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 13Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 14Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 15Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 16Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
2004 Sep 10
13
Philips Semiconductors
Product specification
Single D-type flip-flop; positive-edge trigger
74LVC1G80
VEXT
VCC
VI
VO
mna616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Fig.8 Load circuitry for switching times.
VCC
VI
CL
RL
VEXT
tPLH/tPHL
tPZH/tPHZ
tPZL/tPLZ
1.65 V to 1.95 V
VCC
30 pF
1 k
Ω
open
GND
2
× VCC
2.3 V to 2.7 V
VCC
30 pF
500
Ω
open
GND
2
× VCC
2.7 V
2.7 V
50 pF
500
Ω
open
GND
6 V
3.0 V to 3.6 V
2.7 V
50 pF
500
Ω
open
GND
6 V
4.5 V to 5.5 V
VCC
50 pF
500
Ω
open
GND
2
× VCC
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com