Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G80 Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # 74LVC1G80
Description  Single D-type flip-flop; positive-edge trigger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

74LVC1G80 Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button 74LVC1G80 Datasheet HTML 10Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 11Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 12Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 13Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 14Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 15Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 16Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 17Page - Panasonic Semiconductor 74LVC1G80 Datasheet HTML 18Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
2004 Sep 10
14
Philips Semiconductors
Product specification
Single D-type flip-flop; positive-edge trigger
74LVC1G80
PACKAGE OUTLINES
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
0
1.0
0.8
0.30
0.15
0.25
0.08
2.25
1.85
1.35
1.15
0.65
e1
1.3
2.25
2.0
0.60
0.15
7
°
0
°
0.1
0.1
0.3
0.425
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.46
0.21
SOT353-1
MO-203
SC-88A
00-09-01
03-02-19
w M
bp
D
Z
e
e1
0.15
13
5
4
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
1.5
3 mm
0
scale
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm
SOT353-1
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com