Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8760IPWPR Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button DAC8760IPWPR Datasheet HTML 37Page - Texas Instruments DAC8760IPWPR Datasheet HTML 38Page - Texas Instruments DAC8760IPWPR Datasheet HTML 39Page - Texas Instruments DAC8760IPWPR Datasheet HTML 40Page - Texas Instruments DAC8760IPWPR Datasheet HTML 41Page - Texas Instruments DAC8760IPWPR Datasheet HTML 42Page - Texas Instruments DAC8760IPWPR Datasheet HTML 43Page - Texas Instruments DAC8760IPWPR Datasheet HTML 44Page - Texas Instruments DAC8760IPWPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
41
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Table 18. Configuration Register 0x57 (continued)
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB5
CALEN
0
User calibration enable. When user calibration is enabled, the DAC data are
adjusted according to the contents of the gain and zero calibration registers.
See User Calibration.
DB4
HARTEN
0
Enable interface through HART-IN pin (only valid for IOUT set to 4-mA to 20-
mA range through RANGE bits).
Bit = 1: HART signal is connected through internal resistor and modulates
output current.
Bit = 0: HART interface is disabled.
DB3
CRCEN
0
Enable frame error checking.
DB2
WDEN
0
Watchdog timer enable.
DB1:DB0
WDPD[1:0]
00
Watchdog timeout period.
8.6.1.1.3
DAC Registers
The DAC registers consist of a DAC data register (Table 19), a DAC gain calibration register (Table 20), and a
DAC zero calibration register (Table 21). User calibration as described in User Calibration is a feature that allows
for trimming the system gain and zero errors. Table 19 through Table 21 show the DAC8760, 16-bit version of
these registers. The DAC7760 (12-bit version) register contents are located in DB15:DB4. For DAC7760,
DB3:DB0 are don't care bits when writing and zeros when reading.
Table 19. DAC Data Register
DATA BITS
NAME
DEFAULT
DESCRIPTION
DB15:DB0
D15:D0
0000h
DAC data register. Format is unsigned straight binary.
Table 20. DAC Gain Calibration Register
DATA BITS
NAME
DEFAULT
DESCRIPTION
DB15:DB0
G15:G0
0000h
Voltage and current gain calibration register for user calibration. Format is
unsigned straight binary.
Table 21. DAC Zero Calibration Register
DATA BITS
NAME
DEFAULT
DESCRIPTION
DB15:DB0
Z15:Z0
0000h
Voltage and current zero calibration register for user calibration. Format is twos
complement.
8.6.1.1.4
Reset Register
The DACx760 reset register is written to at address 0x56. Table 22 provides the description.
Table 22. Reset Register 0x56
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB1
0000h
Reserved. Writing to these bits does not cause any change.
DB0
RESET
0
Software reset bit. Writing 1 to the bit performs a software reset to reset all
registers and the ALARM status to the respective power-on reset default value.
After reset completes the RESET bit clears itself.
8.6.1.1.5
Status Register
This read-only register consists of four ALARM status bits (CRC-FLT, WD-FLT, I-FLT, and T-FLT) and bit SR-ON
that shows the slew rate status.
The device continuously monitors the output and die temperature. When an alarm occurs, the corresponding
ALARM status bit is set (1). Whenever an ALARM status bit is set, it remains set until the event that caused it is
resolved. The ALARM bit can only be cleared by performing a software reset, or a power-on reset (by cycling
power), or having the error condition resolved. These bits are reasserted if the ALARM condition continues to
exist in the next monitoring cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com