Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1985 Datasheet(PDF) 17 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1985 Datasheet HTML 13Page - Analog Devices AD1985 Datasheet HTML 14Page - Analog Devices AD1985 Datasheet HTML 15Page - Analog Devices AD1985 Datasheet HTML 16Page - Analog Devices AD1985 Datasheet HTML 17Page - Analog Devices AD1985 Datasheet HTML 18Page - Analog Devices AD1985 Datasheet HTML 19Page - Analog Devices AD1985 Datasheet HTML 20Page - Analog Devices AD1985 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
AD1985
Rev. A | Page 17 of 48
Mono Volume Register (Index 0x06)
Reg Num
Name
D15
D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4
D3
D2
D1
D0
Default
0x06
Mono Volume
MVM
X
X
X
X
X
X
X
X
X
X
MV4
MV3
MV2
MV1
MV0
0x8000
This register controls the mono output volume and mute bit.
The volume register contains five bits, generating 32 volume
levels with increments of 1.5 dB each.
AC ’97 defines the 6-bit volume registers, therefore, to maintain
compatibility whenever the D5 bit is set to 1, its respective lower
five volume bits are automatically set to 1 by the codec logic. On
readback, all lower five bits will read 1s whenever this bit is set
to 1.
MV[4:0]
Mono Volume Control. The least significant bit represents 1.5 dB. This register controls the output from 0 dB to
a maximum attenuation of 46.5 dB.
MVM
Mono Volume Mute. When this bit is set to 1, the channel is muted.
Volume Settings for Mono
Control Bits D[4:0] for Mono (0x06)
D15
Write
Readback
Function
0
0 0000
0 0000
0 dB Gain
0
0 1111
0 1111
–22.5 dB Gain
0
1 1111
1 1111
–46.5 dB Gain
1
x xxxx
x xxxx
–∞ dB Gain, Muted
Note that the x in the above table is a wild card, meaning the value has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com