Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1985 Datasheet(PDF) 18 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1985 Datasheet HTML 14Page - Analog Devices AD1985 Datasheet HTML 15Page - Analog Devices AD1985 Datasheet HTML 16Page - Analog Devices AD1985 Datasheet HTML 17Page - Analog Devices AD1985 Datasheet HTML 18Page - Analog Devices AD1985 Datasheet HTML 19Page - Analog Devices AD1985 Datasheet HTML 20Page - Analog Devices AD1985 Datasheet HTML 21Page - Analog Devices AD1985 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
AD1985
Rev. A | Page 18 of 48
PC Beep Register (Index 0x0A)
Reg Name
D15
D14 D13 D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 Default
0x0A PC Beep Volume PCBM X
X
PCBF7 PCBF6 PCBF5 PCBF4 PCBF3 PCBF2 PCBF1 PCBF0 PCBV3 PCBV2 PCBV1 PCBV0 X
0x8000
This register controls the level and frequency for the digital PC beep generated by the codec. Please note that PC Beep should be muted
when not in use.
PCBV[3:0]
Controls the volume of the generated signal. Each step corresponds to approximately 3 dB of attenuation. The
MSB of the register is the mute bit. When this bit is set to 1, the level for the signal is set at –∞ dB.
PCBF[7:0]
These bits are writeable, and the codec-digital PC beep generation is supported. The beep frequency generated
is the result of dividing the 48 kHz clock by 4x the number specified in PCBF[7:0], allowing tones from 47 Hz to
12 kHz. A value of 0x00 in Bits PCBF[7:0] disables internal PC beep generation. The PV bits control the volume
level of the generated signal.
The register default value is 0x8000, which corresponds to 0 dB attenuation with mute on.
PCBM
PV3 to PV0
Function
0
0000
0 dB Attenuation
0
1111
45 dB Attenuation
1
xxxx
∞ dB Attenuation
PCBF
Frequency of PC Beep
0x00
PC Beep Disabled
0x01
12 kHz
0x0C
1 kHz
0xFF
47 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com