Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1985 Datasheet(PDF) 32 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD1985 Datasheet HTML 28Page - Analog Devices AD1985 Datasheet HTML 29Page - Analog Devices AD1985 Datasheet HTML 30Page - Analog Devices AD1985 Datasheet HTML 31Page - Analog Devices AD1985 Datasheet HTML 32Page - Analog Devices AD1985 Datasheet HTML 33Page - Analog Devices AD1985 Datasheet HTML 34Page - Analog Devices AD1985 Datasheet HTML 35Page - Analog Devices AD1985 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
AD1985
Rev. A | Page 32 of 48
SPDIF Control Register (Index 0x3A)
Reg.Num.
Name
D15 D14 D13
D12
D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x3A
SPDIF Control
V
X
SPSR1 SPSR0 L
CC6 CC5 CC4 CC3 CC2 CC1 CC0 PRE COPY AUD PRO 0x2000
Register 0x3A is a read/write register that controls SPDIF
functionality and manages bit fields propagated as channel
status (or subframe in the V case). With the exception of V, this
register should only be written to when the SPDIF transmitter is
disabled (SPDIF bit in Register 0x2A is 0). This ensures that
control and status information initialize correctly at the
beginning of SPDIF transmission.
PRO
Professional. 1 indicates professional use of channel status, 0 indicates consumer.
AUD
Nonaudio. 1 indicates data is nonPCM format, 0 indicates data is PCM.
COPY
Copyright. 1 indicates copyright is asserted, 0 indicates copyright is not asserted.
PRE
Pre-emphasis. 1 indicates filter pre-emphasis is 50/15
µs, 0 indicates no pre-emphasis.
CC[6:0]
Category Code. Programmed according to IEC standards, or as appropriate.
L
Generation Level. Programmed according to IEC standards, or as appropriate.
SPSR[1:0]
SPDIF Transmit Sample Rate.
SPSR[1:0] = 00: Transmit Sample Rate = 44.1 kHz.
SPSR[1:0] = 01: Reserved.
SPSR[1:0] = 10: Transmit Sample Rate = 48 kHz (default).
SPSR[1:0] = 11: Not supported.
V
Validity. This bit affects the Validity flag (Bit <28> transmitted in each SPDIF L/R subframe) and enables the
SPDIF transmitter to maintain connection during error or mute conditions.
V = 1: Each SPDIF subframe (L+R) has Bit <28> set to 1. This tags both samples as invalid.
V = 0: Each SPDIF subframe (L+R) has Bit <28> set to 0 for valid data and 1 for invalid data (error condition).
Note that when V = 0, asserting the VFORCE bit (D15) in Register 0x2A (Extended Audio Stat/Ctrl) will force
the Validity flag low, marking both samples as valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com