Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1985JST Datasheet(PDF) 5 Page - Analog Devices

Part # AD1985JST
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985JST Datasheet(HTML) 5 Page - Analog Devices

  AD1985JST Datasheet HTML 1Page - Analog Devices AD1985JST Datasheet HTML 2Page - Analog Devices AD1985JST Datasheet HTML 3Page - Analog Devices AD1985JST Datasheet HTML 4Page - Analog Devices AD1985JST Datasheet HTML 5Page - Analog Devices AD1985JST Datasheet HTML 6Page - Analog Devices AD1985JST Datasheet HTML 7Page - Analog Devices AD1985JST Datasheet HTML 8Page - Analog Devices AD1985JST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AD1985
Rev. A | Page 5 of 48
ANALOG MIXER—INPUT GAIN/AMPLIFIERS/ATTENUATORS
Table 5.
Parameter
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
CD to LINE_OUT
90
dB
LINE, AUX, PHONE, to LINE_OUT
85
dB
MIC1 or MIC2 to LINE_OUT
80
dB
Step Size: All Mixer Inputs, Except PC Beep
1.5
dB
Input Gain/Attenuation Range (+12 dB to –34.5 dB): All Mixer Inputs, Except PC Beep
46.5
dB
DIGITAL DECIMATION AND INTERPOLATION FILTERS1
Table 6.
Parameter
Min
Typ
Max
Unit
PASS BAND
0
0.4 × fS
Hz
PASS-BAND RIPPLE
±0.09
dB
TRANSITION BAND
0.4 ×
fS
0.6 × fS
Hz
STOP BAND
0.6 ×
fS
∞
Hz
STOP-BAND REJECTION
–74
dB
GROUP DELAY
16/fS
s
GROUP DELAY VARIATION OVER PASS BAND
0
µs
ANALOG-TO-DIGITAL CONVERTERS
Table 7.
Parameter
Min
Typ
Max
Unit
RESOLUTION
16
Bits
TOTAL HARMONIC DISTORTION (THD)
−85
dB
DYNAMIC RANGE (–60 dB IN; THD+N REFERENCED TO FULL-SCALE; A-WEIGHTED)
84
dB
SIGNAL-TO-INTERMODULATION DISTORTION (CCIF METHOD)1
85
dB
ADC CROSSTALK1
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
−85
dB
LINE_IN to Other
−95
dB
GAIN ERROR (FULL-SCALE SPAN RELATIVE TO NOMINAL INPUT VOLTAGE)
±10
%
INTERCHANNEL GAIN MISMATCH (DIFFERENCE OF GAIN ERRORS)
±0.5
dB
ADC OFFSET ERROR1
±5
mV
DIGITAL-TO-ANALOG CONVERTERS
Table 8.
Parameter
Min
Typ
Max
Unit
RESOLUTION
20
Bits
TOTAL HARMONIC DISTORTION (THD); LINE_OUT, C/LFE
–90
dB
TOTAL HARMONIC DISTORTION (THD); HP_OUT
–75
dB
DYNAMIC RANGE (–60 dB IN; THD+N REFERENCED TO FULL-SCALE; A-WEIGHTED)
90
dB
SIGNAL-TO-INTERMODULATION DISTORTION (CCIF METHOD)1
100
dB
GAIN ERROR (OUTPUT FULL-SCALE VOLTAGE RELATIVE TO NOMINAL OUTPUT FULL-SCALE VOLTAGE)2
±10
%
INTERCHANNEL GAIN MISMATCH (DIFFERENCE OF GAIN ERRORS)
±0.7
dB
DAC CROSSTALK (INPUT L, ZERO R, READ R_OUT; INPUT R, ZERO L, READ L_OUT)1
–100
dB
TOTAL OUT-OF-BAND ENERGY (MEASURED FROM 0.6 × fS TO 100 KHZ)1
–85
dB
1 Guaranteed, not tested.
2 C/LFE specified with 10 kΩ load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com