Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1985JST Datasheet(PDF) 30 Page - Analog Devices

Part # AD1985JST
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985JST Datasheet(HTML) 30 Page - Analog Devices

Back Button AD1985JST Datasheet HTML 26Page - Analog Devices AD1985JST Datasheet HTML 27Page - Analog Devices AD1985JST Datasheet HTML 28Page - Analog Devices AD1985JST Datasheet HTML 29Page - Analog Devices AD1985JST Datasheet HTML 30Page - Analog Devices AD1985JST Datasheet HTML 31Page - Analog Devices AD1985JST Datasheet HTML 32Page - Analog Devices AD1985JST Datasheet HTML 33Page - Analog Devices AD1985JST Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
AD1985
Rev. A | Page 30 of 48
PCM L/R ADC Rate Register (Index 0x32)
Reg Num Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x32
PCM L/R ADC Rate SRA15 SRA14 SRA13 SRA12 SRA11 SRA10 SRA9 SRA8 SRA7 SRA6 SRA5 SRA4 SRA3 SRA2 SRA1 SRA0 0xBB80
This read/write sample rate control register contains 16-bit unsigned values, representing the rate of operation in Hz.
SR[15:0]
Sample Rate. The sampling frequency range is from 7 kHz (0x1B58) to 48 kHz (0xBB80) in 1 Hz increments. The codec may
not function correctly if frequencies are written outside this range. If 0 is written to ASCVRA (Register 0x2A), then the
sample rate is reset to 48 kHz.
Center/LFE Volume Register (Index 0x36)
Reg Num
Name
D15
D14 D13 D12 D11 D10 D9
D8
D7
D6 D5 D4
D3
D2
D1
D0
Default
0x36
Center/LFE Volume
LFEM X
X
LFE4 LFE3 LFE2 LFE1 LFE0 CNTM X
X
CNT4 CNT3 CNT2 CNT1 CNT0 0x8080
This register controls the center and LFE output volumes and
mute bits. The volume register contains five bits, generating 32
volume levels with increments of 1.5 dB each.
AC ’97 defines the 6-bit volume registers, therefore, to maintain
compatibility whenever the D5 or D13 bit is set to 1, its
respective lower five volume bits are automatically set to 1 by
codec logic. On read-back, all lower five bits will read 1s
whenever this bit is set to 1.
Note that depending on the state of the AC 97NC bit in
Register 0x76, this register operates as follows:
• For AC'97NC = 0, the register controls the center and LFE
output pin attenuators. The range is 0 dB to −46.5 dB.
• For AC97NC = 1, the register controls the center and LFE
DAC gain/attenuators. The range is +12 dB to −34.5 dB.
CNT[4:0]
Center Volume Control.
CNTM
Center Volume Mute. When this bit is set to 1, the channel is muted.
LFE[4:0]
LFE Volume Control.
LFEM
LFE Volume Mute. When this bit is set to 1, the channel is muted.
Note that when the CSWP bit (Register 0x74) is set to 1, the definition of these volume controls for left and right are swapped, i.e., LFE[4:0] and LFEM control center
volume/mute, and CNT[4:0] and CNTM control LFE volume/mute.
CNT/LFE[5:0]
CNTM (LFEM)
Write
Readback
Function with AC97NC = 0
Function with AC97NC = 1
0
00 0000
00 0000
0 dB Gain
+12 dB Gain
0
00 1111
00 1111
−22.5 dB Gain
−10.5 dB Gain
0
01 1111
01 1111
−46.5 dB Gain
−34.5 dB Gain
0
1x xxxx
01 1111
−46.5 dB Gain
Indeterminate1
1
xx xxxx
xx xxxx
Muted, −∞ dB Gain
Muted, −∞ dB Gain
Note: x in the above table is a wild card, meaning the value has no effect.
1 When AC97NC is set to 1, there is only a 5-bit gain/attenuator to control, so the sixth bit, i.e., the MSB, does not control anything. Therefore, the 5-bit gain setting is
indeterminate, since the five LSBs are listed as wild cards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com