Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1985JST Datasheet(PDF) 6 Page - Analog Devices

Part # AD1985JST
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985JST Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1985JST Datasheet HTML 2Page - Analog Devices AD1985JST Datasheet HTML 3Page - Analog Devices AD1985JST Datasheet HTML 4Page - Analog Devices AD1985JST Datasheet HTML 5Page - Analog Devices AD1985JST Datasheet HTML 6Page - Analog Devices AD1985JST Datasheet HTML 7Page - Analog Devices AD1985JST Datasheet HTML 8Page - Analog Devices AD1985JST Datasheet HTML 9Page - Analog Devices AD1985JST Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD1985
Rev. A | Page 6 of 48
ANALOG OUTPUT
Table 9.
Parameter
Min
Typ
Max
Unit
FULL-SCALE OUTPUT VOLTAGE: LINE OUT, MONO OUT, CENTER, LFE
1
V rms
2.83
V p-p
Output Impedance1
300
500
Ω
External Load Impedance1
2
10
kΩ
Output Capacitance1
15
pF
External Load Capacitance
1000
pF
FULL-SCALE OUTPUT VOLTAGE: HP_OUT
1
V rms
2.83
V p-p
External Load Capacitance1
1000
pF
External Load Impedance1
32
Ω
VREF
2.1
2.25
2.4
V
VREFOUT (VREFH, VREFD = 00 in REGISTER 0x76)
2.25
V
VREFOUT (VREFH, VREFD = 10)
3.70
V
VREFOUT (VREFH, VREFD = 11)
0.0
V
VREFOUT CURRENT DRIVE
5
mA
MUTE CLICK (MUTED OUTPUT UNMUTED MIDSCALE DAC OUTPUT)
±5
mV
Note that setting VREFOUT to 0 V reduces crosstalk when Center/LFE is sharing the MIC jack. The Center/LFE crosstalk should be better than −60 dB at 100 Hz when sharing
with a stereo microphone application circuit.
STATIC DIGITAL SPECIFICATIONS
Table 10.
Parameter
Min
Typ
Max
Unit
DIGITAL INPUTS/OUTPUTS
High Level Input Voltage (VIH)
0.65 × DVDD
V
Low Level Input Voltage (VIL)
0.35 × DVDD
V
High Level Output Voltage (VOH), IOH = 2 mA
0.9 × DVDD
V
Low Level Output Voltage (VOL), IOL = 2 mA
0.1 × DVDD
V
INPUT LEAKAGE CURRENT
–10
+10
µA
OUTPUT LEAKAGE CURRENT
–10
+10
µA
INPUT/OUTPUT PIN CAPACITANCE
7.5
pF
POWER SUPPLY
Table 11.
Parameter
Min
Typ
Max
Unit
POWER SUPPLY RANGE—ANALOG (AVDD)
4.5
5.5
V
POWER SUPPLY RANGE—DIGITAL (DVDD)
2.97
3.63
V
POWER DISSIPATION—5 V/3.3 V
465
mW
POWER SUPPLY REJECTION (100 mV p-p SIGNAL @ 1 kHz)1
40
dB
1 Guaranteed, not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com