Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83861 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83861
Description  Gig PHYTER 10/100/1000 Ethernet Physical Layer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83861 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP83861 Datasheet HTML 35Page - National Semiconductor (TI) DP83861 Datasheet HTML 36Page - National Semiconductor (TI) DP83861 Datasheet HTML 37Page - National Semiconductor (TI) DP83861 Datasheet HTML 38Page - National Semiconductor (TI) DP83861 Datasheet HTML 39Page - National Semiconductor (TI) DP83861 Datasheet HTML 40Page - National Semiconductor (TI) DP83861 Datasheet HTML 41Page - National Semiconductor (TI) DP83861 Datasheet HTML 42Page - National Semiconductor (TI) DP83861 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
39
www.national.com
nected to the transmit pairs through 150
Ω resistors. Each
receive channel consists of a high precision Analog to Digi-
tal data converter (ADC) which quantizes the incoming
data into a digital word at the rate of 125 Mb/s. The ADC is
sampled with an internal clock of 125 MHz which has been
recovered from the incoming data stream.
The 1000BASE-T transmit section consists of 4 channels,
each transmitting IEEE 802.3ab compliant 17-level PAM-5
data at 125 M symbols/second. The 4 pairs of transmit out-
put pins are AC coupled through the magnetics to the CAT-
5 cable. Each transmit pin pair is serially terminated with 47
Ω resistors to match the cable impedance. Each transmit
channel consists of a Digital to Analog data converter
(DAC) and line driver capable of producing 17 discrete lev-
els corresponding to the PR shaping of a PAM-5 coded
data stream. Each DAC is clocked with an internal 125
MHz clock which is derived from the Ref clock in the MAS-
TER mode of operation, and the recovered receive clock in
the SLAVE mode of operation.
The DP83861 incorporates a sophisticated Phase Genera-
tion Module (PGM) which supports 100/1000 modes of
operation with an external 125 MHz clock reference (
±50
ppm). The PGM module internally generates multiple
phases of clocks at various frequencies to support high
precision and low jitter clocks for robust data recovery, and
to support accurate low jitter transmission of data symbols
in the MASTER and SLAVE mode of operation.
4.8 10BASE-T and 100BASE-TX Transmitter
The 10BASE-T and 100BASE-TX transmitter consists of
several functional blocks which convert synchronous 4-bit
nibble data, as provided by the MII, to a 10 Mb/s MLT sig-
nal for 10BASE-T operation or scrambled MLT-3 125 Mb/s
serial data stream for 100BASE-TX operation. Since the
10BASE-T and 100BASE-TX transmitters are integrated
with the 1000BASE-T, the differential output pins, TD
+/−
are routed to channel A of the AC coupling magnetics.
The block diagram in Figure 10 provides an overview of
each functional block within the 10BASE-T and 100BASE-
TX transmit section.
Figure 10. 100BASE-TX Transmit Block Diagram
4B/5B ENCODER
AND
INJECTION LOGIC
TXDA
TX_CLK
FROM PGM
PARALLEL
TO SERIAL
SCRAMBLER
NRZ-TO-NRZI
BINARY-TO-MLT
DIV-BY-5
100BASE-X
LOOPBACK
NRZ TO
MANCHESTER
DECODER
LINK PULSE
GENERATOR
10/100/1000
DAC/LINE DRIVER
TXD[3:0] / TX_ER
10BASE-T
TXD[3:0] / TX_ER
100BASE-T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com