Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83861 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83861
Description  Gig PHYTER 10/100/1000 Ethernet Physical Layer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83861 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83861 Datasheet HTML 17Page - National Semiconductor (TI) DP83861 Datasheet HTML 18Page - National Semiconductor (TI) DP83861 Datasheet HTML 19Page - National Semiconductor (TI) DP83861 Datasheet HTML 20Page - National Semiconductor (TI) DP83861 Datasheet HTML 21Page - National Semiconductor (TI) DP83861 Datasheet HTML 22Page - National Semiconductor (TI) DP83861 Datasheet HTML 23Page - National Semiconductor (TI) DP83861 Datasheet HTML 24Page - National Semiconductor (TI) DP83861 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
21
www.national.com
In general, using pull-up and pull-down resistors instead of
tying unused inputs directly to VCC or ground has the fol-
lowing disadvantages:
— Additional cost of components
— Additional board area. (May prevent fitting into fewer lay-
ers of PCB, having components only on the top side, or
fitting into small profile cards.)
— Reliability problems (Due to bad solder joints, etc.)
— Need to test components: Might necessitate additional
vias to be drilled to have test points on the back side, for
in circuit test. This adds to PCB manufacturing time, and
cost. Also testing additional components add to in circuit
test duration, and makes the test program longer to
write.
— Inventory costs for the additional components
3.7 Hardware Reset
RESET pin 164 which is active low should be held low for a
minimum of 140
µs to allow hardware reset. During hard-
ware reset the strap option pins are re-latched, and register
and state machines are reset. For timing details see
Figure 5.7. There is no on-chip internal power-on reset and
the DP83861 requires an external reset signal be applied
to the RESET pin.
3.8 Temperature Considerations
The DP83861 utilizes an enhanced 208 PQFP package
that eliminates the need for heatsinks. The package has a
built in copper heat slug at the top of the package which
provides a very efficient method of removing heat from the
die through convection. Since the heat slug is on the top of
the package the PCB board stays cooler. The enhance
package has a low Theta Junction to Case of 2.13 oC/W
and a Theta Junction to Ambient of 11.7 oC/W.
For reliability purposes the die temperature of the DP83861
should be kept below 120 oC, this translates to a package
case temperature of 112 oC. For more information on how
this calculation is done see Section 8.15 (Frequently Asked
Questions)
3.9 Pin List and Connections
Table 14 provides pin listings and their connections. This
list should be used to make sure all pin connections are
correct.
Table 9. Magnetic Requirements
Parameter
Min.
Typ.
Max.
Units
Conditions
Turns Ratio
-
1:1
-
-
+/- 2%
Insertion Loss
0.0
-
1.1
dB
0.1 - 1 MHz
-
-
0.5
dB
1.0 - 60 MHz
-
-
1.0
dB
60 - 100 MHz
-
-
1.2
dB
100 - 125 MHz
Return Loss
-18
-
-
dB
1.0 - 30 MHz
-14.4
-
-
dB
30 - 40 MHz
-13.1
-
-
dB
40 - 50 MHz
-12.0
-
-
dB
50 - 80 MHz
-10.0
-
-
dB
80 - 100 MHz
Differential to Common Mode Rejection
-43.0
-
-
dB
1.0 - 30 MHz
-37.0
-
-
dB
30 - 60 MHz
-33.0
-
-
dB
60 - 100 MHz
Cross Talk
-45.0
-
-
dB
1.0 - 30 MHz
-40.0
-
-
dB
30 - 60 MHz
-35.0
-
-
dB
60 - 100 MHz
Isolation
1500
-
-
V
-
Rise Time
-
1.6
1.8
ns
10 - 90%
Primary Inductance
350
-
-
µH-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com