Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83861 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83861
Description  Gig PHYTER 10/100/1000 Ethernet Physical Layer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83861 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button DP83861 Datasheet HTML 44Page - National Semiconductor (TI) DP83861 Datasheet HTML 45Page - National Semiconductor (TI) DP83861 Datasheet HTML 46Page - National Semiconductor (TI) DP83861 Datasheet HTML 47Page - National Semiconductor (TI) DP83861 Datasheet HTML 48Page - National Semiconductor (TI) DP83861 Datasheet HTML 49Page - National Semiconductor (TI) DP83861 Datasheet HTML 50Page - National Semiconductor (TI) DP83861 Datasheet HTML 51Page - National Semiconductor (TI) DP83861 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
48
www.national.com
1000BASE-T: Link is established by completing Auto-
Negotiation completing (establishing who is the Master and
who is the Slave), successfully completing the Training
state (final convergence of the adaptive filter parameters)
and both the rem_rcvr_status and loc_rcvr_status = OK.
2) LED_COL status indicates that the PHY has detected a
collision condition (simultaneous transmit and receive
activity while in Half Duplex mode).
3) LED_ACT status indicates Receive or Transmit activity.
4) LED_10 status indicates that the device has established
a 10BASE_T link.
5) LED_100 status indicates that the device has estab-
lished a 100BASE-T link.
6) LED_1000 status indicates that the device has estab-
lished a 1000BASE-T link.
7) LED_TX status indicates that the PHY is transmitting.
8) LED_RX status indicates that the PHY is receiving.
9) LED_DUPLEX status indicates that the PHY is in Full-
Duplex mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com