Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18542KCS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18542KCS
Description  60V N-Channel NexFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18542KCS Datasheet(HTML) 4 Page - Texas Instruments

  CSD18542KCS Datasheet HTML 1Page - Texas Instruments CSD18542KCS Datasheet HTML 2Page - Texas Instruments CSD18542KCS Datasheet HTML 3Page - Texas Instruments CSD18542KCS Datasheet HTML 4Page - Texas Instruments CSD18542KCS Datasheet HTML 5Page - Texas Instruments CSD18542KCS Datasheet HTML 6Page - Texas Instruments CSD18542KCS Datasheet HTML 7Page - Texas Instruments CSD18542KCS Datasheet HTML 8Page - Texas Instruments CSD18542KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
VDS - Drain-to-Source Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
175
200
D002
VGS = 4.5 V
VGS = 6.5 V
VGS = 10 V
VGS - Gate-to-Source Voltage (V)
0
1
2
3
4
5
0
25
50
75
100
125
150
175
200
D003
TC = 125°C
TC = 25°C
TC = -55°C
CSD18542KCS
SLPS557 – JUNE 2015
www.ti.com
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
VDS = 5 V
Figure 3. Transfer Characteristics
Figure 2. Saturation Characteristics
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD18542KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com