Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18542KCS Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18542KCS
Description  60V N-Channel NexFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18542KCS Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD18542KCS Datasheet HTML 3Page - Texas Instruments CSD18542KCS Datasheet HTML 4Page - Texas Instruments CSD18542KCS Datasheet HTML 5Page - Texas Instruments CSD18542KCS Datasheet HTML 6Page - Texas Instruments CSD18542KCS Datasheet HTML 7Page - Texas Instruments CSD18542KCS Datasheet HTML 8Page - Texas Instruments CSD18542KCS Datasheet HTML 9Page - Texas Instruments CSD18542KCS Datasheet HTML 10Page - Texas Instruments CSD18542KCS Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CSD18542KCS
SLPS557 – JUNE 2015
www.ti.com
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical packaging and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 KCS Package Dimensions
Pin Configuration
POSITION
DESIGNATION
Pin 1
Gate
Pin 2 / Tab
Drain
Pin 3
Source
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD18542KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com