Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18542KCS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18542KCS
Description  60V N-Channel NexFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18542KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD18542KCS Datasheet HTML 1Page - Texas Instruments CSD18542KCS Datasheet HTML 2Page - Texas Instruments CSD18542KCS Datasheet HTML 3Page - Texas Instruments CSD18542KCS Datasheet HTML 4Page - Texas Instruments CSD18542KCS Datasheet HTML 5Page - Texas Instruments CSD18542KCS Datasheet HTML 6Page - Texas Instruments CSD18542KCS Datasheet HTML 7Page - Texas Instruments CSD18542KCS Datasheet HTML 8Page - Texas Instruments CSD18542KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
D007
TC = 25°C, I D = 100 A
TC = 125°C, I D = 100 A
Qg - Gate Charge (nC)
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
7
8
9
10
D004
ID = 100 A
VDS = 30 V
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD18542KCS
SLPS557 – JUNE 2015
CSD18542KCS 60 V N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
•
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
•
Low Thermal Resistance
VDS
Drain-to-source voltage
60
V
•
Avalanche Rated
Qg
Gate charge total (10 V)
44
nC
Qgd
Gate charge gate-to-drain
6.9
nC
•
Logic Level
VGS = 4.5 V
4.0
m
Ω
•
Pb Free Terminal Plating
RDS(on)
Drain-to-source on-resistance
VGS = 10 V
3.3
m
Ω
•
RoHS Compliant
VGS(th)
Threshold voltage
1.8
V
•
Halogen Free
•
TO-220 Plastic Package
Ordering Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
2 Applications
TO-220 Plastic
CSD18542KCS
50
Tube
Tube
Package
•
DC-DC Conversion
(1) For all available packages, see the orderable addendum at
•
Secondary Side Synchronous Rectifier
the end of the data sheet.
•
Motor Control
Absolute Maximum Ratings
3 Description
TA = 25°C
VALUE
UNIT
This 60 V, 3.3 m
Ω, TO-220 NexFET™ power
VDS
Drain-to-source voltage
60
V
MOSFET is designed to minimize losses in power
VGS
Gate-to-source voltage
±20
V
conversion applications.
Continuous drain current (package limited)
200
Continuous drain current (silicon limited), TC
170
ID
= 25°C
A
Continuous drain current (silicon limited), TC
120
= 100°C
IDM
Pulsed drain current (1)
400
A
PD
Power dissipation
200
W
TJ,
Operating junction,
–55 to 175
°C
Tstg
Storage temperature
Avalanche energy, single pulse
EAS
281
mJ
ID = 75 A, L = 0.1 mH, RG = 25 Ω
(1) Max RθJC = 0.6°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD18542KCS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD18542KCS ISC-CSD18542KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18542KCS TI2-CSD18542KCS Datasheet
924Kb / 14P
CSD18542KCS 60V N-Channel NexFET™ Power MOSFET
REVISED APRIL 2024
CSD18542KCS.B TI2-CSD18542KCS.B Datasheet
924Kb / 14P
CSD18542KCS 60V N-Channel NexFET™ Power MOSFET
REVISED APRIL 2024
More results

Similar Description - CSD18542KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
N-Channel NexFET??Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
60V N-Channel NexFET??Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
N-Channel NexFET Power MOSFET
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD18531Q5A TI1-CSD18531Q5A_16 Datasheet
362Kb / 13P
60V N-Channel NexFET Power MOSFET
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
60V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
60V N-Channel NexFET Power MOSFET
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
60V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com