Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849IFVS/NOPB Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # DP83849IFVS/NOPB
Description  DP83849IF PHYTER DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83849IFVS/NOPB Datasheet(HTML) 86 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 82Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 83Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 84Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 85Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 86Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 87Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 88Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 89Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 105 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
10.2.4
RMII and Bypass Register (RBR)
This register configures the RMII/MII Interface Mode of operation. This register controls selecting MII,
RMII, or Single Clock MII mode for Receive or Transmit. In addition, several additional bits are included to
allow datapath selection for Transmit and Receive in multiport applications.
Table 10-19. RMII and Bypass Register (RBR), addresses 17h
Bit
Bit Name
Default
Description
15
SIM_WRITE
0, RW
Simultaneous Write:
Setting this bit in port A register space enables simultaneous write to Phy registers
in both ports. Subsequent writes to port A registers will write to registers in both
ports A and B.
1 = Simultaneous writes to both ports.
0 = Per-port write.
14
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
13
DIS_TX_OPT
0, RW
Disable RMII TX Latency Optimization:
Normally the RMII Transmitter will minimize the transmit latency by realigning the
transmit clock with the Reference clock phase at the start of a packet transmission.
Setting this bit will disable Phase realignment and ensure that IDLE bits will always
be sent in multiples of the symbol size. This will result in a larger uncertainty in
RMII transmit latency.
12:11
RX_PORT
00, RW
Receive Port:
See Section 6.5 for more information on Flexible Port Switching.
10:9
TX_SOURCE
Strap, RW
Transmit Source:
See Section 6.5 for more information on Flexible Port Switching.
00 = Not strapped for Extender Mode.
10 = Strapped for Extender Mode.
8
PMD_LOOP
0, RW
PMD Loopback:
0= Normal Operation.
1= Remote (PMD) Loopback.
Setting this bit will cause the device to Loopback data received from the Physical
Layer. The loopback is done prior to the MII or RMII interface. Data received at the
internal MII or RMII interface will be applied to the transmitter. This mode should
only be used if RMII mode or Single Clock MII mode is enabled.
7
SCMII_RX
Strap, RW
Single Clock RX MII Mode:
0= Standard MII mode.
1= Single Clock RX MII Mode.
Setting this bit will cause the device to generate receive data (RX_DV, RX_ER,
RXD[3:0]) synchronous to the X1 Reference clock. RX_CLK is not used in this
mode. This mode uses the RMII elasticity buffer to tolerate variations in clock
frequencies. This bit cannot be set if RMII_MODE is set to a 1. This bit is strapped
to 1 if EXTENDER_EN is 1 and RMII Mode is not strapped at hard reset.
6
SCMII_TX
Strap, RW
Single Clock TX MII Mode:
0= Standard MII mode.
1= Single Clock TX MII Mode.
Setting this bit will cause the device to sample transmit data (TX_EN, TXD[3:0])
synchronous to the X1 Reference clock. TX_CLK is not used in this mode. This bit
cannot be set if RMII_MODE is set to a 1. This bit is strapped to 1 if
EXTENDER_EN is 1 and RMII Mode is not strapped at hard reset.
5
RMII_MODE
Strap, RW
Reduced MII Mode:
0 = Standard MII Mode.
1 = Reduced MII Mode.
86
Register Block
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com