Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ40Z50-R1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50-R1
Description  Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50-R1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button BQ40Z50-R1 Datasheet HTML 19Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 20Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 21Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 22Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 23Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 24Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 25Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 26Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
bq40z50-R1
www.ti.com
SLUSCB3 – JULY 2015
8.3 Feature Description
8.3.1 Primary (1st Level) Safety Features
The bq40z50-R1 supports a wide range of battery and system protection features that can easily be configured.
See the bq40z50-R1 Technical Reference Manual (SLUUBC1) for detailed descriptions of each protection
function.
The primary safety features include:
Cell Overvoltage Protection
Cell Undervoltage Protection
Cell Undervoltage Protection Compensated
Overcurrent in Charge Protection
Overcurrent in Discharge Protection
Overload in Discharge Protection
Short Circuit in Charge Protection
Short Circuit in Discharge Protection
Overtemperature in Charge Protection
Overtemperature in Discharge Protection
Undertemperature in Charge Protection
Undertemperature in Discharge Protection
Overtemperature FET protection
Precharge Timeout Protection
Host Watchdog Timeout Protection
Fast Charge Timeout Protection
Overcharge Protection
Overcharging Voltage Protection
Overcharging Current Protection
Over Precharge Current Protection
8.3.2 Secondary (2nd Level) Safety Features
The secondary safety features of the bq40z50-R1 can be used to indicate more serious faults via the FUSE pin.
This pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or
discharging. See the bq40z50-R1 Technical Reference Manual (SLUUBC1) for detailed descriptions of each
protection function.
The secondary safety features provide protection against:
Safety Overvoltage Permanent Failure
Safety Undervoltage Permanent Failure
Safety Overtemperature Permanent Failure
Safety FET Overtemperature Permanent Failure
Qmax Imbalance Permanent Failure
Impedance Imbalance Permanent Failure
Capacity Degradation Permanent Failure
Cell Balancing Permanent Failure
Fuse Failure Permanent Failure
PTC Permanent Failure
Voltage Imbalance at Rest Permanent Failure
Voltage Imbalance Active Permanent Failure
Charge FET Permanent Failure
Discharge FET Permanent Failure
AFE Register Permanent Failure
AFE Communication Permanent Failure
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com