Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ40Z50-R1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50-R1
Description  Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50-R1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ40Z50-R1 Datasheet HTML 1Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 2Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 3Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 4Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 5Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 6Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 7Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 8Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
BAT
VC
4
VC3
VC2
VC1
VSS
SRN
SRP
PACK+
PACK–
PRES
SMBC
SMBD
SMBD
SMBC
PBI
TS1 TS2
LEDCNTLA
LEDCNTLB
DISP
LEDCNTLC
TS3 TS4 BTP
BTP
VC1
VC2
VC3
OUT
VDD
GND
Cell 1
Cell 2
Cell 3
PRES
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq40z50-R1
SLUSCB3 – JULY 2015
bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
1 Features
3 Description
The
bq40z50-R1
device,
incorporating
patented
1
Fully Integrated 1-Series, 2-Series, 3-Series, and
Impedance Track™ technology, is a fully integrated,
4-Series Li-Ion or Li-Polymer Cell Battery Pack
single-chip, pack-based solution that provides a rich
Manager and Protection
array of features for gas gauging, protection, and
Next-Generation Patented Impedance Track™
authentication for 1-series, 2-series, 3-series, and 4-
Technology Accurately Measures Available
series cell Li-Ion and Li-Polymer battery packs.
Charge in Li-Ion and Li-Polymer Batteries
Using
its
integrated
high-performance
analog
High Side N-CH Protection FET Drive
peripherals, the bq40z50-R1 device measures and
Integrated Cell Balancing While Charging or At
maintains an accurate record of available capacity,
voltage,
current,
temperature,
and
other
critical
Rest
parameters in Li-Ion or Li-Polymer batteries, and
Full Array of Programmable Protection Features
reports this information to the system host controller
Voltage
over an SMBus v1.1 compatible interface.
Current
Device Information(1)
Temperature
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Charge Timeout
bq40z50-R1
VQFN (32)
4.00 mm × 4.00 mm
CHG/DSG FETs
(1) For all available packages, see the orderable addendum at
AFE
the end of the datasheet.
Sophisticated Charge Algorithms
Simplified Schematic
JEITA
Enhanced Charging
Adaptive Charging
Cell Balancing
Supports TURBO BOOST Mode
Supports Battery Trip Point (BTP)
Diagnostic Lifetime Data Monitor and Black Box
Recorder
LED Display
Supports Two-Wire SMBus v1.1 Interface
SHA-1 Authentication
Compact Package: 32-Lead QFN (RSM)
2 Applications
Notebook/Netbook PCs
Medical and Test Equipment
Portable Instrumentation
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ40Z50-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ40Z50-R1 TI2-BQ40Z50-R1 Datasheet
3Mb / 56P
bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
JULY 2015
More results

Similar Description - BQ40Z50-R1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
December 14, 2012
logo
Texas Instruments
BQ40Z80 TI1-BQ40Z80 Datasheet
1Mb / 46P
2-Series to 7-Series Li-Ion Battery Pack Manager
logo
RRC power solutions Ltd...
RRC1130 RRC-RRC1130 Datasheet
296Kb / 3P
Standard Battery Pack Li-Ion
RRC2024 RRC-RRC2024 Datasheet
391Kb / 4P
Standard Battery Pack Li-Ion
RRC2037 RRC-RRC2037 Datasheet
366Kb / 4P
Standard Battery Pack Li-Ion
RRC2040-2 RRC-RRC2040-2 Datasheet
420Kb / 4P
Standard Battery Pack Li-Ion 10.80V / 6.90Ah / 74.52Wh
RRC2040 RRC-RRC2040 Datasheet
400Kb / 4P
Standard Battery Pack Li-Ion
RRC2054-2 RRC-RRC2054-2 Datasheet
388Kb / 4P
Standard Battery Pack Li-Ion
RRC2057 RRC-RRC2057 Datasheet
402Kb / 4P
Standard Battery Pack Li-Ion
RRC2140 RRC-RRC2140 Datasheet
342Kb / 3P
Standard Battery Pack Li-Ion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com