Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ40Z50-R1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50-R1
Description  Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50-R1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ40Z50-R1 Datasheet HTML 1Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 2Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 3Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 4Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 5Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 6Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 7Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 8Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
bq40z50-R1
SLUSCB3 – JULY 2015
www.ti.com
Pin Functions (continued)
PIN NAME
NUMBER
TYPE(1)
DESCRIPTION
BTP_INT
15
O
Battery Trip Point (BTP) interrupt output
Host system present input for removable battery pack or emergency system shutdown
PRES or SHUTDN
16
I
input for embedded pack
DISP
17
Display control for LEDs
SMBD
18
I/OD
SMBus data pin
SMBC
19
I/OD
SMBus clock pin
LED display segment that drives the external LEDs depending on the firmware
LEDCNTLA
20
configuration
LED display segment that drives the external LEDs depending on the firmware
LEDCNTLB
21
configuration
LED display segment that drives the external LEDs depending on the firmware
LEDCNTLC
22
configuration
PTC
23
IA
Safety PTC thermistor input pin. To disable, connect both PTC and PTCEN to VSS.
Safety PTC thermistor enable input pin. Connect to BAT. To disable, connect both PTC
PTCEN
24
IA
and PTCEN to VSS.
FUSE
25
O
Fuse drive output pin
VCC
26
P
Secondary power supply input
PACK
27
IA
Pack sense input pin
DSG
28
O
NMOS Discharge FET drive output pin
NC
29
Not internally connected
PCHG
30
O
PMOS Precharge FET drive output pin
CHG
31
O
NMOS Charge FET drive output pin
BAT
32
P
Primary power supply input pin
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com