Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE3700 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 64Page - STMicroelectronics ADE3700 Datasheet HTML 65Page - STMicroelectronics ADE3700 Datasheet HTML 66Page - STMicroelectronics ADE3700 Datasheet HTML 67Page - STMicroelectronics ADE3700 Datasheet HTML 68Page - STMicroelectronics ADE3700 Datasheet HTML 69Page - STMicroelectronics ADE3700 Datasheet HTML 70Page - STMicroelectronics ADE3700 Datasheet HTML 71Page - STMicroelectronics ADE3700 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
Flicker
ADE3700
68/89
2.16
Flicker
The Flicker block computes correlations of the image data with potential inversion patterns of the
LCD which in turn allows the microcontroller to modify the polarity signal to cancel large areas of
flicker. This function is only useful in SmartPanel applications.
The incoming image is scored against 8 vertical Walsh functions. All patterns are considered
vertically, while horizontally the pixels are assumed to be alternating RGB components.
The scores (0 to 7) are 32-bit unsigned quantities that reflect the correlation of the programmed
window area with the 8 Walsh functions.
The horizontal inversion of the LCD drivers must be programmed into FLICKER_CTRL0[2:0]. The
most common setting is +-+ or -+- (RGB).
A calculation is completed after the number of frames programmed into the FRAME_CNT_MAX
register (0xCA03). With each frame the calculation is performed on only a vertical strip. The width of
that strip (in pixels) is determined by the value programmed in the HBLOCK_SIZE register
(0xCA02) with the following relation: strip width = 2 ^ (3 + HBLOCK_SIZE).
The free_run/freeze_scores bit (FLICKER_CTRL0[4]) enables the final calculation to be captured
easily by the MCU. The internal flicker calculation continues to run -- only the update of the I2C
registers is blocked when this bit is set to prevent corruption during readout.
0 to 14
30
[7:3]
Reserved
[2]
MSB of background color for the row
[1]
double high enable for the row
[0]
double wide enable for the row
0 to 14
0 to 29
[7:5]
3 LSBs of background color for 1bpp chars
no function for 4bpp color chars
[4]
blink enable
[3:0]
foreground color for 1bpp chars
for 4bpp color chars
[3:2]: Reserved
[1]: flip vertical
[0]: flip horizontal
Table 23: OSD Register
Register Name
Addr
Mode
Bits
Default
(hex)
Description
OSD_PORT
0x0C02
R/W
[7:0]
0
OSD Access Port
Table 22: OSD Attribute Map Definition (Sheet 4 of 4)
Row
Column
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com