Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE3700 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 8Page - STMicroelectronics ADE3700 Datasheet HTML 9Page - STMicroelectronics ADE3700 Datasheet HTML 10Page - STMicroelectronics ADE3700 Datasheet HTML 11Page - STMicroelectronics ADE3700 Datasheet HTML 12Page - STMicroelectronics ADE3700 Datasheet HTML 13Page - STMicroelectronics ADE3700 Datasheet HTML 14Page - STMicroelectronics ADE3700 Datasheet HTML 15Page - STMicroelectronics ADE3700 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
Global Control
ADE3700
12/89
MD = INT(fXCLK x (2
(6 + NDIV - SDIV)) / f
OUT)
PE = INT((2
15) x (MD + 1 - f
XCLK x (2
(6 + NDIV - SDIV)) / f
OUT))
where fXCLK is the external crystal frequency in MHz (typically 27). The maximum SCLK frequency
generated by this block is fXTAL x 2
(2+NDIV).
For the lowest power operation, all clock sources should be set to the “zero” setting and the analog
power disables should be set. In this condition, only the crystal clock domain (XCLK) is running and
blocks in INCLK or DOTCLK domains may not be accessible through the I²C interface.
The following modules can have their clocks disabled to reduce power consumption when the chip
is in steady-state mode: FLK, OSD, PGEN, DFT, and DMEAS. Also, the clock to the TCON can be
disabled for non-Smart Panel applications. Note that the OSD module has a special power bypass
bit that must be enabled when the OSD clock is disabled.
Also, the clock to all I²C registers associated with modules in the INCLK and DOTCLK domains can
be disabled after the chip is configured to reduce power in steady-state mode. Note that during chip
configuration, all I²C clocks must be enabled.
An asynchronous clock enable override signal must be disabled to allow control of individual
module clock signals.
fOUT < 2 x fXCLK AND fOUT ≥ fXCLK
2
fOUT < fXCLK AND fOUT ≥ fXCLK / 2
3
fOUT < fXCLK/2 AND fOUT ≥ fXCLK / 4
4
fOUT < fXCLK/4 AND fOUT ≥ fXCLK / 8
5
fOUT < fXCLK/8 AND fOUT ≥ fXCLK / 16
6
fOUT < fXCLK/16 AND fOUT ≥ fXCLK / 32
7
Table 3: SCLK Frequency Synthesizer Programmable Values (Sheet 2 of 2)
Frequency Range
SDIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com