Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE3700 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 29Page - STMicroelectronics ADE3700 Datasheet HTML 30Page - STMicroelectronics ADE3700 Datasheet HTML 31Page - STMicroelectronics ADE3700 Datasheet HTML 32Page - STMicroelectronics ADE3700 Datasheet HTML 33Page - STMicroelectronics ADE3700 Datasheet HTML 34Page - STMicroelectronics ADE3700 Datasheet HTML 35Page - STMicroelectronics ADE3700 Datasheet HTML 36Page - STMicroelectronics ADE3700 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
33/89
ADE3700
Sync Multiplexer (SMUX)
2.7.1
Functional Description
The internal signal selector selects which of the input sources are to be used for the internal hsync,
vsync and enab signals and is controlled by I2C register SMUX_CTRL0.
The signal generator contains a horizontal and a vertical counter that are resynced using a
horizontal and vertical reference signals respectively. The selection of the H/V references and the
resync edge (either rising or falling) are programmed via SMUX_CTRL1[3:0]. The signal generator
requires both references to be defined, or else the counters will not run properly and the generated
signals (other than venab) will be invalid.
The output signal selector can be programmed to output any of the internal syncs, bypassed signals
such as odd and data_valid, or the generated versions of all the signals (hsync, vsync, enab, odd,
valid). Vertical enable (venab) and clamp are always generated.
The following table summarizes programming for typical modes.
Other sources (such as composite sync) are simple variations on these basic configurations.
The programmed timing values of the generated signals (such as clamp) are relative to the
reference signal and edge selected. For example, if the LLK_HSYNC falling edge is selected as the
horizontal reference, then all horizontal programming values are relative to it.
Three signals are generated using programmable set/reset values: clamp and the two components
that make up the input enable signal (horizontal and vertical enables). The henab and venab signals
define the video window that the scaler operates on. The difference between the reset and set
quantities is the number of pixels (h) or lines (v) in the input image. Clean wraparound is supported:
the henab_set can be greater than the henab_rst.
The clamp pulse should be located outside the active video area, i.e. both programmed values
should be in the horizontal blanking region, typically in backporch of the incoming sync.
All set/reset programming values for clamp and henab must be less than the input horizontal total.
Both set/reset programming values for venab must be less than the input vertical total. The updates
for the enable registers can occur in four modes:
1. No Shadowing
2. Simple Shadowing: updates occur when the upper byte of _rst is written
3. Shadowing + Blank Update: updates occur only in the next blanking region after rst_u is written
4. Shadowing + Vblank Update: updates occur in the next vblank region after rst_u is written.
This mode also advances or retards the frame trigger to the scaler to prevent glitches. It takes
one frame to write H and two frames to write the V-position. With large position changes, a
glitch will show up. For small changes (e.g. ±1) no glitch is created.
The written position values are instantly available by read back, independent of shadow mode. The
actual values being used by the hardware at a given time can also be read back using separate I²C
addresses.
Table 10: Sync Multiplexer Programming Table
Mode
Valid Inputs
Output Source for
Hsync
Vsync
Enab
Valid
Odd
Venab
Clamp
Analog
Line Lock
LLK_HSYNC
LLK_VSYNC
LLK
LLK
GEN
GEN
NA
GEN
GEN
Analog Ext.
Clock
VGA_HSYNC
LLK_VSYNC
TESTCLK
VGA
LLK
GEN
GEN
NA
GEN
GEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com