Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83907VF Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907VF
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907VF Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button DP83907VF Datasheet HTML 55Page - National Semiconductor (TI) DP83907VF Datasheet HTML 56Page - National Semiconductor (TI) DP83907VF Datasheet HTML 57Page - National Semiconductor (TI) DP83907VF Datasheet HTML 58Page - National Semiconductor (TI) DP83907VF Datasheet HTML 59Page - National Semiconductor (TI) DP83907VF Datasheet HTML 60Page - National Semiconductor (TI) DP83907VF Datasheet HTML 61Page - National Semiconductor (TI) DP83907VF Datasheet HTML 62Page - National Semiconductor (TI) DP83907VF Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
70 In-Circuit Test (ICT) Description
The test register is made available only when the test bit (D7 of cnfg A) is set at the following IO address
IO mode Base a 1FHex
The test register contains the following bits Note that when the test bit is low the test register is held set except for D4 and D0
which is reset
TABLE I Test Modes (test pin e 1)
Test Mode
D7
D6
D5
D4
D3
D2
D1
D0
SAk9l
1VIH VIL
11111110
X
2VOH VOL
11101010
1
VIL VIH test mode when high will AND all inputs (except RESET pin) and present outcome on IRQk3l To enable this st-nic
mode must NOT be entered
VOH VOL test mode is active in st-nic mode if SAk9le1 Then all op’s switch with SAk4l as per Table 2
VOH VOL mode output states (SAk9le1)
TABLE II
Output
SAk4le0SAk4le1
MSAk131l
1555 Hex
0AAA Hex
MSDk150l
AAAA Hex
5555 Hex
SDk150l
AAAA Hex
5555 Hex
IRQk15 12 11 10 9 5 4 3l
A2 Hex
5D Hex
MSWR
01
MSRD
10
RCS
01
BPCS
01
EECS
1
0
IO16
00
CHRDY (AEN AORD Must be Low)
0
0
GDLNK ACT COL
0 1 0
1 0 1
THIN
1
0
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com