Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83907VF Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907VF
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907VF Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button DP83907VF Datasheet HTML 61Page - National Semiconductor (TI) DP83907VF Datasheet HTML 62Page - National Semiconductor (TI) DP83907VF Datasheet HTML 63Page - National Semiconductor (TI) DP83907VF Datasheet HTML 64Page - National Semiconductor (TI) DP83907VF Datasheet HTML 65Page - National Semiconductor (TI) DP83907VF Datasheet HTML 66Page - National Semiconductor (TI) DP83907VF Datasheet HTML 67Page - National Semiconductor (TI) DP83907VF Datasheet HTML 68Page - National Semiconductor (TI) DP83907VF Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
Preliminary Switching Design Guidelines (Continued)
ISA SLAVE ACCESSES
(Continued)
Symbol
Description
8-Bit Transfers
16-Bit Transfers
Units
Min
Max
Min
Max
T27
SA0–19 Valid to BPCS Asserted (Note 11)
55
55
ns
T28a
MRD Asserted to MSRD Asserted
60
60
ns
T28b
MWR Asserted to MSWR Asserted
120
120
ns
T30
SA0–19 Invalid to BPCS Negated (Note 11)
0
ns
T31
SMRD Deasserted to MSRD Deasserted
0
ns
T33
MSWR Deasserted to MSD0–7 Invalid (Note 3)
0
ns
T35
BPCS Asserted to CHRDY Asserted (Note 13)
175
ns
T36
MSRD Asserted to CHRDY Asserted (Note 13)
150
ns
T38
MSD0-7 Asserted to CHRDY Asserted (Note 13)
250
ns
Note 1
M16 IO16 are only asserted for 16-bit transfers
Note 2
CHRDY is only deasserted if the NIC core can not service the access immediately It is held deasserted until the NIC core is ready causing the system to
insert wait states
Note 3
On 8-bit transfers only 8 bits of MSD0–15 and D0–7 are driven
Note 5
This is the standard CHRDY timing where CHRDY is asserted after IORD or IOWR
Note 6
Read data valid is referenced to CHRDY when wait states have been inserted
Note 7
If no wait states are inserted read data valid can be measured from IORD
Note 8
This is a minimum timing with no additional wait states
Note 9
This is the standard IO16 timing where IO16 is asserted after a valid address decode
Note 10
This is the late IO16 timing required by some machines where IO16 is asserted after a valid address decode and IORD or IOWR going active
Note 11
This is a timing for a RAM access
Note 13
This is a timing for a Boot PROM access
Note 14
Guaranteed by design
SERIAL EEPROM TIMING
TLF12082 – 46
Symbol
Description
Min
Max
Units
T1
EECS Setup to MSD2
150
ns
T2
EECS Hold after MSD2
250
ns
T3
MSD2 Low Time
450
ns
T4
MSD2 High Time
450
ns
T5
MSD2 Clock Period (Note 1)
1
m
s
T6
MSD1 Setup to MSD2 High
100
ns
T7
MSD2 Hold from MSD2 High
100
ns
T8
MSD0 Valid from MSD2 High
500
ns
Note 1
Derived from crystal oscillator tolerance e g 001%
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com