Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMSA283R3/KR Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # SMSA283R3/KR
Description  SMSA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA283R3/KR Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button SMSA283R3/KR Datasheet HTML 4Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 5Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 6Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 9Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 10Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 11Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SIngLE OuTPuT MODELS
SMSA2812S
SMSA2815S
unITS
PARAMETER
COnDITIOnS
MIn
TYP
MAX
MIn
TYP
MAX
OuTPuT VOLTAgE
11.64 12.00 12.36 14.40 15.00 15.60
V
OuTPuT CuRREnT
VIn = 16 TO 40 V
—
—
417
—
—
333
mA
OuTPuT POWER
VIn = 16 TO 40 V
—
—
5.0
—
—
5.0
W
OuTPuT RIPPLE
TC = 25°C
—
125
200
—
150
600
mV p-p
10 kHz - 2 MHz
TC = -55°C TO +125°C
—
—
300
—
—
900
LInE REguLATIOn
VIn = 16 TO 40 V
—
10
50
—
10
50
mV
LOAD REguLATIOn
nO LOAD TO FuLL
—
10
50
—
10
50
mV
InPuT VOLTAgE
COnTInuOuS
16
28
40
16
28
40
V
nO LOAD TO FuLL
TRAnSIEnT 1 50 ms
0
—
50
0
—
50
InPuT CuRREnT 2
nO LOAD
—
35
42
—
35
50
mA
InHIBITED
—
3
7
—
3
7
InHIBITED 50 krad 3
—
5
7
—
5
7
InPuT RIPPLE CuRREnT 3 10 kHz - 10 MHz
—
60
100
—
60
300
mA p-p
EFFICIEnCY
TC = 25°C
68
74
—
69
74
—
%
TC = -55°C TO +125°C
64
—
—
65
—
—
LOAD FAuLT 1, 4
POWER DISSIPATIOn
—
1.2
2.1
—
1.2
2.0
W
SHORT CIRCuIT
RECOVERY
—
1
10
—
1
10
ms
STEP LOAD RESPOnSE 5
TRAnSIEnT
—
300
400
—
400
3000
mV pk
50% - 100% - 50%
RECOVERY 1
—
400
500
—
400
4500
µs
STEP LInE RESPOnSE 1, 5 TRAnSIEnT
-1000
250
800
-500
250
500
mV pk
16 - 40 - 16 V
RECOVERY
—
700
800
—
500
1300
µs
START-uP
DELAY
—
10
30
—
10
30
ms
OVERSHOOT 1
—
0
500
—
0
500
mV pk
CAPACITIVE LOAD 1
TC = 25°C
nO EFFECT On DC
PERFORMAnCE
—
—
500
—
—
500
µF
table 7: electrical characteriSticS: -55°c to +125°c caSe, 28 vin, 100% loaD, unleSS otherWiSe SpeciFieD.
notes
1. guaranteed by characterization test and/or analysis. not a production test.
2. The inhibited input current is tested with <0.8 volts on the inhibit.
3. For RHA L, 50 krad converters, the pre-radiation spec for Iin Inhibit is 7
mA max.
4. Tested with a 2 µH external input inductor.
5. Indefinite short circuit protection not guaranteed above 125°C (case).
6. Recovery time is measured from application of the transient to point at
which VOuT is within 1% of VOuT at final value.
Crane Aerospace & Electronics Power Solutions
SMSA Single and Dual DC-DC Converters
Page 8 of 15
28 Volt input – 5 Watt
www.craneae.com/interpoint
SMSA Rev AE - 2016.02.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com