Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMSA283R3/KR Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # SMSA283R3/KR
Description  SMSA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA283R3/KR Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button SMSA283R3/KR Datasheet HTML 5Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 6Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 9Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 10Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 11Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 12Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DuAL OuTPuT MODELS
SMSA2805D
SMSA2812D
SMSA2815D
unITS
PARAMETER
COnDITIOnS
MIn
TYP
MAX
MIn
TYP
MAX
MIn
TYP
MAX
OuTPuT VOLTAgE
+VOuT
4.80
5.00
5.20
11.52 12.00 12.48 14.40 15.00 15.60
V
-VOuT
4.75
5.00
5.25
11.04 12.00 12.96 13.80 15.00 16.20
OuTPuT CuRREnT 2
EITHER OuTPuT
—
±500
800 1
—
±208
333 1
—
±167
267 1
mA
VIn = 16 TO 40 V
TOTAL
1000
417
333
OuTPuT POWER 2
EITHER OuTPuT
—
±2.5
4.0 1
—
±2.5
4.0 1
—
±2.5
4.0 1
W
VIn = 16 TO 40 V
TOTAL
5.0
5.0
5.0
OuTPuT RIPPLE
TC = 25°C
—
—
300
—
80
300
—
120
300
mV p-p
10 kHz - 2 MHz
TC = -55°C TO +125°C
—
—
300
—
—
500
—
—
500
LInE REguLATIOn
+VOuT
—
20
100
—
20
100
—
10
50
mV
VIn = 16 TO 40 V
-VOuT
—
40
200
—
40
200
—
40
180
LOAD REguLATIOn
+VOuT
—
10
50
—
10
50
—
10
50
mV
nO LOAD TO FuLL
-VOuT
—
100
200
—
100
200
—
50
200
CROSS REguLATIOn 3
—
—
750
—
—
1000
—
—
1000
mV
InPuT VOLTAgE
COnTInuOuS
16
28
40
16
28
40
16
28
40
V
nO LOAD TO FuLL
TRAnSIEnT 1 50 ms
0
—
50
0
—
50
0
—
50
InPuT CuRREnT 4
nO LOAD
—
30
50
—
40
63
—
38
60
InHIBITED
—
3
7
—
3
7
—
3
7
mA
InHIBITED 50 krad 3
—
5
7
—
5
7
—
5
7
InPuT RIPPLE CuRREnT 6 10 kHz - 10 MHz
—
60
200
—
60
300
—
60
300
mA p-p
EFFICIEnCY
TC = 25°C
65
70
—
67
73
—
68
73
—
%
TC = -55°C TO +125°C
63
—
—
65
—
—
66
—
—
LOAD FAuLT 1, 7
POWER DISSIPATIOn
—
1.3
2.1
—
1.3
1.9
—
1.3
1.8
W
SHORT CIRCuIT
RECOVERY
—
—
50
–
1
30
—
1
50
ms
STEP LOAD RESPOnSE 8 TRAnSIEnT
—
±200 ±1400
—
±200 ±1400
—
±200 ±1400
mV pk
50% - 100% - 50%
RECOVERY 1
—
200
4500
—
200
4500
—
200
4500
µs
STEP LInE RESPOnSE 1, 8 TRAnSIEnT
—
±200
±750
—
±200
±500
—
±600 ±1500
mV pk
16 - 40 - 16 V
RECOVERY
—
500
1200
—
500
2000
—
500
1200
µs
START-uP
DELAY
—
10
25
—
10
30
—
10
25
ms
OVERSHOOT 1
—
0
750
—
0
500
—
0
750
mV pk
CAPACITIVE LOAD 1, 9
TC = 25°C
nO EFFECT On DC
PERFORMAnCE
—
—
10
—
—
100
—
—
10
µF
table 8: electrical characteriSticS: -55°c to +125°c caSe, 28 vin, 100% loaD, unleSS otherWiSe SpeciFieD.
notes
1. guaranteed by characterization test and/or analysis. not a production test.
2. up to 4 watts (80% of full power) is available from either output providing the
opposite output is carrying 20% of total power.
3. Shows regulation effect on the minus output during the defined cross loading
conditions: +PO = 30-70%, -PO = 70-30% and -PO = 30-70%, +PO = 70-30. See
Figure 24, Figure 25 and Figure 26 on page 12.
4. The inhibited input current is tested with <0.8 volts on the inhibit.
5. For RHA L, 50 krad converters, the pre-radiation spec for Iin Inhibit is 7 mA max.
6. Tested with a 2 µH external input inductor.
7. Indefinite short circuit protection not guaranteed above 125°C (case).
8. Recovery time is measured from application of the transient to point at which
VOuT is within 1% of VOuT at final value.
9. Applies to each output.
Crane Aerospace & Electronics Power Solutions
SMSA Single and Dual DC-DC Converters
Page 9 of 15
28 Volt input – 5 Watt
www.craneae.com/interpoint
SMSA Rev AE - 2016.02.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com