Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMSA283R3/KR Datasheet(PDF) 12 Page - Interpoint Corporation Company

Part # SMSA283R3/KR
Description  SMSA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA283R3/KR Datasheet(HTML) 12 Page - Interpoint Corporation Company

Back Button SMSA283R3/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 9Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 10Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 11Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 12Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 13Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 14Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 15Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Typical performance ploTs: 28 Vin, 25°c Tc, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are not guaranteed specifications.
2815D
2812D
OUTPUT LOAD (+VOUT % / –VOUT %)
90–10% LOAD on +V, 10-90% LOAD on –V
SMSA ±12 & ±15 DUAL CROSS REGULATION
–10
10
90/10 70/30 50/50 30/70 10/90
–8
–6
–4
–2
0
2
4
6
8
OUTPUT POWER (Watts)
50 mV DROP
SMSA LOW LINE DROPOUT VS. LOAD
12
17
16
15
14
13
1
2
3
4
5
6
2812D
2815D
OUTPUT LOAD (%)
COND. A: 50% LOAD +V; 10% to 50% –V
COND. B: 50% LOAD –V; 10% to 50% +V
SMSA ±12 & ±15 DUAL CROSS REGULATION
–5
0
5
10
20
30
40
50
–4
–3
–2
–1
1
2
3
4
2815D
2812D
2812D
COND B
COND A
Figure 23
Figure 24
Figure 25
Figure 26
OUTPUT LOAD (+VOUT % / –VOUT %)
90–10% LOAD on +V, 10-90% LOAD on –V
SMSA ±5 DUAL CROSS REGULATION
–20
20
90/10
70/30
50/50
30/70
10/90
–15
–10
–5
0
5
10
15
Crane Aerospace & Electronics Power Solutions
SMSA Single and Dual DC-DC Converters
Page 12 of 15
28 Volt input – 5 Watt
www.craneae.com/interpoint
SMSA Rev AE - 2016.02.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com