Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF211DAI-R Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT86RF211DAI-R
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211DAI-R Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT86RF211DAI-R Datasheet HTML 14Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 15Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 16Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 17Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 18Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 19Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 20Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 21Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
18
AT86RF211
1942C–WIRE–06/02
To operate this way, the user must make sure that the "0" and "1" level at the output of
the discriminator are "on both sides" of the comparison level in order for the decision to
be made properly.
Figure 22. How toSet Up theDataSlicing Parameters
To set the discriminator and the Data Slicer accordingly:
It is possible to measure the output DC level of the discriminator DISCOUT
(thanks to the A/D embedded converter)
DTR[1:0] make it possible to shift (up or down) the DC level at the output of
the discriminator :
- DTR[1] = 1: +180 mV + 77x (V
CC -2.4V)
- DTR[0] = 1: -180 mV - 77x (V
CC -2.4V)
DTR[5:2] make it possible to tune the comparison threshold around V
CC/2.
16 levels are possible, with a LSB = 15 mV per Volt of supply voltage. V
CC/2
corresponds to DTR[5:2] = 0111, and the RESET value is 1000.
These procedures can be made automatically by software. Please refer to the applica-
tion note.
DISCOUT:
demodulated
data
Not OK
Comparator threshold
Time
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com