Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF211DAI-R Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT86RF211DAI-R
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211DAI-R Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT86RF211DAI-R Datasheet HTML 17Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 18Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 19Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 20Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 21Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 22Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 23Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 24Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
21
AT86RF211
1942C–WIRE–06/02
An automatic level control loop (ALC) is integrated, in order to minimize the sensitivity of
the PA to the temperature, process and power supply variations. For instance, at +85°C,
the output power is about 2 dB less than at 25°C. At -40°C, the output power is higher
than at 25°C. The ALC is controlled by a current which is generated in the following way:
Figure 26. ALC of the Power Amplifier
Figure 27. Typical Output Power of the PA for T = 25°Cand V
CC =3V
Hardware Control
The max output power is determined by R
POWER and the maximum output power is
obtained with R
POWER =10kΩ.
18 k
Ω is the nominal value for a +10 dBm output in the 868 MHz frequency band.
Decreasing this value to 10 k
Ω will lead to +14 dBm at 433 MHz, +12 dBm at 868 MHz,
+10 dBm at 915 MHz (typical values for conducted output power).
U
I
18 k
digital
power control
DAC
I
OUT
To ALC
1.25 V
(v)
i
ref=
V
R
POWER
3 bits
R
POWER
Output Power
-2
0
2
4
6
8
10
12
14
26
31
36
41
46
51
56
61
Isupply (mA)
433MHz
868MHz
915MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com