Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA111MT/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA111MT/NOPB
Description  SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA111MT/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button SCANSTA111MT/NOPB Datasheet HTML 2Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 3Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 4Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 5Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 6Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 7Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 8Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 9Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
SCANSTA111
SNLS060K – AUGUST 2001 – REVISED APRIL 2013
www.ti.com
Figure 2. SCANSTA111 State Machines
The 'STA111 contains three distinct but coupled state-machines (see Figure 2). The first of these is the TAP-
control state-machine, which is used to drive the 'STA111's scan ports in conformance with the 1149.1 Standard.
The second is the 'STA111-selection state-machine (Figure 3). The third state-machine actually consists of three
identical but independent state-machines (see Figure 4), one per 'STA111 local scan port. Each of these scan
port selection state-machines allows individual local ports to be inserted into and removed from the 'STA111s
overall scan chain.
The 'STA111 selection state-machine performs the address matching which gives the 'STA111 its multi-drop
capability. That logic supports single-'STA111 access, multi-cast, and broadcast. The 'STA111-selection state-
machine implements the chip's Level-1 protocol.
Figure 3. State Machine for SCANSTA111 Selection Controller
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com