Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25085ASDX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM25085ASDX/NOPB
Description  42V Constant On-Time PFET Buck Switching Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085ASDX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM25085ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
8
7
6
5
4
3
2
1
Exposed Pad on Bottom
Connect to Ground
FB
GND
ADJ
PGATE
ISEN
VCC
RT
VIN
1
2
3
4
5
8
7
6
Exposed Pad on Bottom
Connect to Ground
FB
PGATE
ISEN
GND
VCC
ADJ
RT
VIN
1
2
3
4
5
8
7
6
FB
PGATE
ISEN
GND
VCC
ADJ
RT
VIN
LM25085A
SNVS601B – JANUARY 2009 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. Top View
Figure 2. Top View
8-Lead HVSSOP
8-Lead VSSOP
Figure 3. Top View
8-Lead WSON
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
No.
1
ADJ
Current Limit Adjust
The current limit threshold is set by an external resistor from VIN to ADJ in
conjunction with the external sense resistor or the PFET’s RDS(ON).
2
RT
On-time control and shutdown
An external resistor from VIN to RT sets the buck switch on-time and switching
frequency. Grounding this pin shuts down the controller.
3
FB
Voltage Feedback from the
Input to the regulation and over-voltage comparators. The regulation level is 0.9V.
regulated output
4
GND
Circuit Ground
Ground reference for all internal circuitry
5
ISEN
Current sense input for current
Connect to the PFET drain when using RDS(ON) current sense. Connect to the PFET
limit detection.
source and the sense resistor when using a current sense resistor.
6
PGATE
Gate Driver Output
Connect to the gate of the external PFET.
7
VCC
Output of the gate driver bias
Output of the negative voltage regulator (relative to VIN) that biases the PFET gate
regulator
driver. A low ESR capacitor is required from VIN to VCC, located as close as
possible to the pins.
8
VIN
Input supply voltage
The operating input range is from 4.5V to 42V. A low ESR bypass capacitor must be
located as close as possible to the VIN and GND pins.
EP
Exposed Pad
Exposed pad on the underside of the package (HVSSOP-PowerPAD-8 and WSON
only). This pad is to be soldered to the PC board ground plane to aid in heat
dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM25085A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com