Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25085ASDX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM25085ASDX/NOPB
Description  42V Constant On-Time PFET Buck Switching Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085ASDX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM25085ASDX/NOPB Datasheet HTML 9Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 10Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 11Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 12Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 13Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 14Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 15Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 16Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
LM25085A
PGATE
ISEN
VCC
ADJ
CADJ
RADJ
Q1
D1
L1
LM25085A
CURRENT LIMIT
COMPARATOR
GATE
DRIVER
40 PA
ADJ
RADJ
CADJ
40 PA
Q1
L1
D1
GATE
DRIVER
CURRENT LIMIT
COMPARATOR
ISEN
PGATE
VCC
RSEN
+
-
+
-
USING Q1 RDS(ON)
USING SENSE RESISTOR RSEN
VIN
VIN
VIN
VIN
VIN x tON
tOFF
VFD + VESR t
LM25085A
www.ti.com
SNVS601B – JANUARY 2009 – REVISED MARCH 2013
The on-time in Equation 9 is shorter than the normal on-time since the PFET is shut off when the current limit
threshold is crossed. If the off-time is not long enough, such that the current decrease (Equation 10) is less than
the current increase (Equation 9), the current levels are higher at the start of the next on-time. This results in a
further decrease in on-time, since the current limit threshold is crossed sooner. A balance is reached when the
current changes in Equation 9 and Equation 10 are equal. The worst case situation is that of a direct short circuit
at the output terminals, where VOUT = 0 volts, as that results in the largest current increase during the on-time,
and the smallest decrease during the off-time. The sum of the diode’s forward voltage and the inductor’s ESR
voltage must be sufficient to ensure current runaway does not occur. Using Equation 9 and Equation 10, this
requirement can be stated as:
(11)
For tON in Equation 11 use the minimum on-time at the SW node. To determine this time period add the
“Minimum on-time in current limit” specified in Electrical Characteristics (tON-4) to the difference of the turn-off
and turn-on delays of the PFET. For tOFF use the value in Figure 10, or use Equation 8, where VFB is equal to
zero volts. When using the minimum or maximum limits of those specifications to determine worst case
situations, the tolerance of the minimum on-time (tON-4) and the current limit off-times (tOFF(CL1) through tOFF(CL4))
track each other over the process and temperature variations. A device which has an on-time at the high end of
the range will have an off-time that is at the high end of its range.
Figure 26. Current Limit Sensing
VCC REGULATOR
The VCC regulator provides a regulated voltage between the VIN and the VCC pins to provide the bias and gate
current for the PFET gate driver. The 0.47 µF capacitor at the VCC pin must be a low ESR capacitor, preferably
ceramic as it provides the high surge current for the PFET’s gate at each turn-on. The capacitor must be located
as close as possible to the VIN and VCC pins to minimize inductance in the PC board traces.
Referring to the Figure 7, the voltage across the VCC regulator (VIN – VCC) is equal to VIN until VIN reaches
approximately 8.5V. At higher values of VIN, the voltage at the VCC pin is regulated at approximately 7.7V below
VIN. The VCC regulator has a maximum current capability of at least 20 mA. The regulator is disabled when the
LM25085A is shutdown using the RT pin, or when the thermal shutdown is activated.
PGATE DRIVER OUTPUT
The PGATE pin output swings between VIN (Q1 off) and the VCC pin voltage (Q1 on). The rise and fall times
depend on the PFET gate capacitance and the source and sink currents provided by the internal gate driver. See
Electrical Characteristics for the current capability of the driver.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM25085A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com