Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25085ASDX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM25085ASDX/NOPB
Description  42V Constant On-Time PFET Buck Switching Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085ASDX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM25085ASDX/NOPB Datasheet HTML 17Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 18Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 19Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 20Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 21Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 22Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 23Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 24Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
FB
LM25085A
PGATE
GND
Q1
L1
COUT
RFB2
RFB1
VOUT
GND
D1
R4
LM25085A
www.ti.com
SNVS601B – JANUARY 2009 – REVISED MARCH 2013
Figure 34. Lowest Cost Ripple Generating Configuration
PC Board Layout
In most applications, the heat sink pad or tab of Q1 is connected to the switch node, i.e. the junction of Q1, L1
and D1. While it is common to extend the PC board pad from under these devices to aid in heat dissipation, the
pad size should be limited to minimize EMI radiation from this switching node. If the PC board layout allows, a
similarly sized copper pad can be placed on the underside of the PC board, and connected with as many vias as
possible to aid in heat dissipation.
The voltage regulation, over-voltage, and current limit comparators are very fast and can respond to short
duration noise pulses. Layout considerations are therefore critical for optimum performance. The layout must be
as neat and compact as possible with all the components as close as possible to their associated pins. Two
major current loops conduct currents which switch very fast, requiring the loops to be as small as possible to
minimize conducted and radiated EMI. The first loop is that formed by CIN, Q1, L1, COUT, and back to CIN. The
second loop is that formed by D1, L1, COUT, and back to D1. The connection from the anode of D1 to the ground
end of CIN must be short and direct. CIN must be as close as possible to the VIN and GND pins, and CVCC must
be as close as possible to the VIN and VCC pins.
If the anticipated internal power dissipation of the LM25085A will produce excessive junction temperatures during
normal operation, a package option with an exposed pad must be used (HVSSOP-PowerPAD-8 or WSON-8).
Effective use of the PC board ground plane can help dissipate heat. Additionally, the use of wide PC board
traces, where possible, helps conduct heat away from the IC. Judicious positioning of the PC board within the
end product, along with the use of any available air flow (forced or natural convection) also helps reduce the
junction temperature.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM25085A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com