Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83950B Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button DP83950B Datasheet HTML 63Page - National Semiconductor (TI) DP83950B Datasheet HTML 64Page - National Semiconductor (TI) DP83950B Datasheet HTML 65Page - National Semiconductor (TI) DP83950B Datasheet HTML 66Page - National Semiconductor (TI) DP83950B Datasheet HTML 67Page - National Semiconductor (TI) DP83950B Datasheet HTML 68Page - National Semiconductor (TI) DP83950B Datasheet HTML 69Page - National Semiconductor (TI) DP83950B Datasheet HTML 70Page - National Semiconductor (TI) DP83950B Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
90 AC and DC Specifications (Continued)
DC Specifications TA e 0 Cto a70 C VCC e 5V g5% unless otherwise specified (Continued)
Symbol
Description
Conditions
Min
Max
Units
PSEUDO AUI (PORTS 2 – 13)
VPOD
Differential Output
270X Termination and
g
450
g
1200
mV
Voltage (TXg)1 kX Pulldowns
VPOB
Differential Output Voltage
270X Termination and
Typical 40 mV
Imbalance (TXg)1 kX Pulldowns
VPU
Undershoot Voltage (TXg)
270X Termination and
Typical 80 mV
1kX Pulldowns
VPDS
Differential Squelch
b
175
b
300
mV
Threshold (RXg CDg)
VPCM
Differential Input Common Mode
0
55
V
Voltage (Rxg CDg) (Note 1)
TWISTED PAIR (PORTS 2 – 13)
VRON
Minimum Receive
Normal Mode
g
300
g
585
mV
Squelch Threshold
Reduced Mode
(Note 2)
g
340
mV
Note 1
This parameter is guaranteed by design and is not tested
Note 2
The operation in Reduced Mode is not guaranteed below 300 mV
AC Specifications
PORT ARBITRATION TIMING
TLF11096 – 22
Number
Symbol
Parameter
Min
Max
Units
T1
ackilackol
ACKI Low to ACKO Low
24
ns
T2
ackihackoh
ACKI High to ACKO High
21
ns
Note
Timing valid with no receive or collision activities
Note
In these diagrams the Inter-RIC and Management Busses are shown using active high signals active low signals may also be used See Section 55 Mode
Load Operation
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com