Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83950B Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button DP83950B Datasheet HTML 72Page - National Semiconductor (TI) DP83950B Datasheet HTML 73Page - National Semiconductor (TI) DP83950B Datasheet HTML 74Page - National Semiconductor (TI) DP83950B Datasheet HTML 75Page - National Semiconductor (TI) DP83950B Datasheet HTML 76Page - National Semiconductor (TI) DP83950B Datasheet HTML 77Page - National Semiconductor (TI) DP83950B Datasheet HTML 78Page - National Semiconductor (TI) DP83950B Datasheet HTML 79Page - National Semiconductor (TI) DP83950B Datasheet HTML 80Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
90 AC and DC Specifications (Continued)
REGISTER WRITE TIMING
TLF11096 – 34
Number
Symbol
Parameter
Min
Max
Units
T90
wradrs
Write Address Setup
0
ns
T91
wradrh
Write Address Hold
0
ns
T92
wrabufa
Write Active to BUFEN Active
95
355
ns
T93
wribufi
Write Inactive to BUFEN Inactive
35
ns
T94
wradatv
Write Active to Data Valid
275
ns
T95
wrdath
Write Data Hold
0
ns
T96
wrardya
Write Active to RDY Active
340
585
ns
T97
wrirdyi
Write Inactive to RDY Inactive
30
ns
T98
wrw
Write Width
600
ns
T99
wradt
Write Active to
350
ns
Data TRI-STATE
Note
Assuming zero propagation delay on external buffer
Note
Minimum high time between readwrite cycles is 100 ns
Note
The data will always TRI-STATE before BUFEN goes active with a load of 100 pF on the data bus
Note
When RDY is used the minimum 600 ns write width does not have to be maintained
100 AC Timing Test Conditions
All specifications are valid only if the mandatory isolation is
employed and all differential signals are taken to be at the
AUI side of the pulse transformer
Input Pulse Levels (TTLCMOS)
GND to 30V
Input Rise and Fall Times (TTLCMOS)
5 ns
Input and Output Reference
Levels (TTLCMOS)
15V
Input Pulse Levels (Diff)
20 VP-P
Input and Output
50% Point of
Reference Levels (Diff)
the Differential
TRI-STATE Reference Levels
Float (DV) g05V
Output Load (See
Figure Below)
TLF11096 – 36
Note 1
100 pF includes scope and jig capacitance
Note 2
S1 e Open for timing tests for push pull outputs
S1 e VCC for VOL test
S1 e GND for VOH test
S1 e VCC for High Impedance to active low and
active low to High Impedance
measurements
S1 e GND for High Impedance to active high and
active high to High Impedance
measurements
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com