Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83950B Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button DP83950B Datasheet HTML 72Page - National Semiconductor (TI) DP83950B Datasheet HTML 73Page - National Semiconductor (TI) DP83950B Datasheet HTML 74Page - National Semiconductor (TI) DP83950B Datasheet HTML 75Page - National Semiconductor (TI) DP83950B Datasheet HTML 76Page - National Semiconductor (TI) DP83950B Datasheet HTML 77Page - National Semiconductor (TI) DP83950B Datasheet HTML 78Page - National Semiconductor (TI) DP83950B Datasheet HTML 79Page - National Semiconductor (TI) DP83950B Datasheet HTML 80Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
90 AC and DC Specifications (Continued)
REGISTER READ TIMING
TLF11096 – 33
Number
Symbol
Parameter
Min
Max
Units
T80
rdadrs
Read Address Setup
0
ns
T81
rdadrh
Read Address Hold
0
ns
T82
rdabufa
Read Active to BUFEN Active
95
345
ns
T83
rdibufi
Read Inactive to BUFEN Inactive
35
ns
T84
rdadatv
Read Active to Data Invalid
245
ns
T85
rddath
Read Data Hold
75
ns
T86
rdardya
Read Active to RDY Active
340
585
ns
T87
rdirdyi
Read Inactive to RDY Inactive
30
ns
T88
rdw
Read Width
600
ns
Note
Minimum high time between readwrite cycles is 100 ns
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com