Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC00DB Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74HC00DB
Description  SNx4HC00 Quadruple 2-Input Positive-NAND Gates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC00DB Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HC00DB Datasheet HTML 3Page - Texas Instruments SN74HC00DB Datasheet HTML 4Page - Texas Instruments SN74HC00DB Datasheet HTML 5Page - Texas Instruments SN74HC00DB Datasheet HTML 6Page - Texas Instruments SN74HC00DB Datasheet HTML 7Page - Texas Instruments SN74HC00DB Datasheet HTML 8Page - Texas Instruments SN74HC00DB Datasheet HTML 9Page - Texas Instruments SN74HC00DB Datasheet HTML 10Page - Texas Instruments SN74HC00DB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
7
SN54HC00, SN74HC00
www.ti.com
SCLS181F – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC00 SN74HC00
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
NOTES: A.
CL includes probe and test-fixture capacitance.
B.
Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by
generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C.
The outputs are measured one at a time with one input transition per measurement.
D.
tPLH and tPHL are the same as tpd.
Figure 2. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com