Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC00DB Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74HC00DB
Description  SNx4HC00 Quadruple 2-Input Positive-NAND Gates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC00DB Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74HC00DB Datasheet HTML 4Page - Texas Instruments SN74HC00DB Datasheet HTML 5Page - Texas Instruments SN74HC00DB Datasheet HTML 6Page - Texas Instruments SN74HC00DB Datasheet HTML 7Page - Texas Instruments SN74HC00DB Datasheet HTML 8Page - Texas Instruments SN74HC00DB Datasheet HTML 9Page - Texas Instruments SN74HC00DB Datasheet HTML 10Page - Texas Instruments SN74HC00DB Datasheet HTML 11Page - Texas Instruments SN74HC00DB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
A
B
Y
Copyright © 2016, Texas Instruments Incorporated
8
SN54HC00, SN74HC00
SCLS181F – DECEMBER 1982 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN54HC00 SN74HC00
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SNx4HC00 devices perform the NAND Boolean function Y = A × B or Y = A + B in positive logic. The
devices have a wide operating range of VCC from 2 V to 6 V.
8.2 Functional Block Diagram
8.3 Feature Description
The SNx4HC00 devices have a wide operating voltage range that operates from 2 V to 6 V. They allow inputs
and outputs up to VCC. The devices can drive outputs at 4 mA at 5-V VCC.
8.4 Device Functional Modes
Table 1 lists the functional modes for the SNx4HC00.
Table 1. Function Table
INPUTS
OUTPUT
A
B
Y
H
H
L
L
X
H
X
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com