Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC00DB Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC00DB
Description  SNx4HC00 Quadruple 2-Input Positive-NAND Gates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC00DB Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC00DB Datasheet HTML 1Page - Texas Instruments SN74HC00DB Datasheet HTML 2Page - Texas Instruments SN74HC00DB Datasheet HTML 3Page - Texas Instruments SN74HC00DB Datasheet HTML 4Page - Texas Instruments SN74HC00DB Datasheet HTML 5Page - Texas Instruments SN74HC00DB Datasheet HTML 6Page - Texas Instruments SN74HC00DB Datasheet HTML 7Page - Texas Instruments SN74HC00DB Datasheet HTML 8Page - Texas Instruments SN74HC00DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
A
B
Y
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN54HC00, SN74HC00
SCLS181F – DECEMBER 1982 – REVISED JULY 2016
SNx4HC00 Quadruple 2-Input Positive-NAND Gates
1
1 Features
1
•
Wide Operating Voltage Range of 2 V to 6 V
•
Outputs Can Drive Up to 10 LSTTL Loads
•
Low Power Consumption: ICC 20-µA (Maximum)
•
Typical tpd: 8 ns
•
±4-mA Output Drive at 5 V
•
Low Input Current: 1 µA (Maximum)
•
On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.
2 Applications
•
AV Receivers
•
Portable Audio Docks
•
Blu-ray Players and Home Theater
•
MP3 Players or Recorders
•
Personal Digital Assistants (PDAs)
•
Power: Telecom or Server AC/DC Supply
(Single Controller: Analog and Digital)
•
Solid State Drives (SSDs): Client and Enterprise
•
TVs: LCD, Digital, and High-Definition (HDTV)
•
Tablets: Enterprise
•
Video Analytics: Server
•
Wireless Headsets, Keyboards, and Mice
3 Description
The SN54HC00 and SN74HC00 devices contain four
independent, 2-input NAND gates. They perform the
Boolean function Y = A × B or Y = A + B in positive
logic.
Device Information(1)
PART NUMBER
PACKAGE (PINS)
BODY SIZE (NOM)
SN54HC00
CDIP (14)
6.92 mm × 19.94 mm
CFP (14)
6.20 mm × 9.41 mm
LCCC (20)
8.89 mm × 8.89 mm
SN74HC00D
SOIC (14)
8.65 mm × 3.91 mm
SN74HC00DB
SSOP (14)
6.20 mm × 5.30 mm
SN74HC00N
PDIP (14)
19.30 mm × 6.35 mm
SN74HC00NS
SOP (14)
10.30 mm × 5.30 mm
SN74HC00PW
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


Similar Part No. - SN74HC00DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC00DBR TI-SN74HC00DBR Datasheet
76Kb / 15P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00DBR TI-SN74HC00DBR Datasheet
703Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00DBRE4 TI-SN74HC00DBRE4 Datasheet
703Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00DBRG4 TI-SN74HC00DBRG4 Datasheet
703Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74HC00DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com