Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B160L Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB9B160L
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B160L Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB9B160L Datasheet HTML 3Page - Cypress Semiconductor MB9B160L Datasheet HTML 4Page - Cypress Semiconductor MB9B160L Datasheet HTML 5Page - Cypress Semiconductor MB9B160L Datasheet HTML 6Page - Cypress Semiconductor MB9B160L Datasheet HTML 7Page - Cypress Semiconductor MB9B160L Datasheet HTML 8Page - Cypress Semiconductor MB9B160L Datasheet HTML 9Page - Cypress Semiconductor MB9B160L Datasheet HTML 10Page - Cypress Semiconductor MB9B160L Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 118 page
background image
Document Number: 002-04976 Rev.*A
Page 7 of 118
MB9B160L Series
1. Product Lineup
Memory Size
Product name
MB9BF164K/L
MB9BF165K/L
MB9BF166K/L
MainFlash memory
256 Kbytes
384 Kbytes
512 Kbytes
WorkFlash memory
32 Kbytes
32 Kbytes
32 Kbytes
On-chip SRAM
32 Kbytes
48 Kbytes
64 Kbytes
SRAM0
16 Kbytes
24 Kbytes
32 Kbytes
SRAM1
8 Kbytes
12 Kbytes
16 Kbytes
SRAM1
8 Kbytes
12 Kbytes
16 Kbytes
Function
Product name
MB9BF164K
MB9BF165K
MB9BF166K
MB9BF164L
MB9BF165L
MB9BF166L
Pin count
48
64
CPU
Cortex-M4F, MPU, NVIC 128ch.
Freq.
160 MHz
Power supply voltage range
2.7 V to 5.5 V
DMAC
8ch.
DSTC
128ch.
Multi-function Serial Interface
(UART/CSIO/LIN/I
2C)
6ch. (Max)
(In ch.1, only I
2C is available.)
6ch. (Max)
Base Timer
(PWC/Reload timer/PWM/PPG)
8ch. (Max)
A/D activation compare
6ch.
1 unit
2 units (Max)
Input capture
4ch.
Free-run timer
3ch.
Output compare
6ch.
Waveform generator
3ch.
PPG
3ch.
QPRC
1ch.
Dual Timer
1 unit
Real-Time Clock
1 unit
Watch Counter
1 unit
CRC Accelerator
Yes
Watchdog Timer
1ch. (SW) + 1ch. (HW)
External Interrupts
15 pins (Max) + NMI × 1
16 pins (Max) + NMI × 1
I/O Ports
33 pins (Max)
48 pins (Max)
12-bit A/D Converter
8ch. (2 units)
15ch. (2 units)
12-bit D/A Converter
2 units (Max)
CSV (Clock Super Visor)
Yes
LVD (Low-Voltage Detector)
2ch.
Built-in CR
High-speed
4 MHz (±2%)
Low-speed
100 kHz (Typ)
Debug Function
SWJ-DP
Unique ID
Yes
Note:
−
All signals of the peripheral function in each product cannot be allocated by limiting the pins of package.
It is necessary to use the port relocate function of the I/O port according to your function use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com