Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B160L Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB9B160L
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B160L Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB9B160L Datasheet HTML 4Page - Cypress Semiconductor MB9B160L Datasheet HTML 5Page - Cypress Semiconductor MB9B160L Datasheet HTML 6Page - Cypress Semiconductor MB9B160L Datasheet HTML 7Page - Cypress Semiconductor MB9B160L Datasheet HTML 8Page - Cypress Semiconductor MB9B160L Datasheet HTML 9Page - Cypress Semiconductor MB9B160L Datasheet HTML 10Page - Cypress Semiconductor MB9B160L Datasheet HTML 11Page - Cypress Semiconductor MB9B160L Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 118 page
background image
Document Number: 002-04976 Rev.*A
Page 8 of 118
MB9B160L Series
2. Packages
Product name
Package
MB9BF164K
MB9BF165K
MB9BF166K
MB9BF164L
MB9BF165L
MB9BF166L
LQFP: FPT-64P-M39 (0.65mm pitch)
-
LQFP: FPT-64P-M38 (0.5mm pitch)
-
LQFP: FPT-48P-M49 (0.5mm pitch)
-
QFN: LCC-64P-M24 (0.5mm pitch)
-
QFN: LCC-48P-M73 (0.5mm pitch)
-
: Supported
Note:
−
See 14. Package Dimensions for detailed information on each package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com