Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6128ACY/TR Datasheet(PDF) 3 Page - Exar Corporation

Part # SP6128ACY/TR
Description  Synchronous Step Down PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6128ACY/TR Datasheet(HTML) 3 Page - Exar Corporation

  SP6128ACY/TR Datasheet HTML 1Page - Exar Corporation SP6128ACY/TR Datasheet HTML 2Page - Exar Corporation SP6128ACY/TR Datasheet HTML 3Page - Exar Corporation SP6128ACY/TR Datasheet HTML 4Page - Exar Corporation SP6128ACY/TR Datasheet HTML 5Page - Exar Corporation SP6128ACY/TR Datasheet HTML 6Page - Exar Corporation SP6128ACY/TR Datasheet HTML 7Page - Exar Corporation SP6128ACY/TR Datasheet HTML 8Page - Exar Corporation SP6128ACY/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Rev. 08/19/05
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2005 Sipex Corporation
PIN DESCRIPTION
PIN N0.
PIN NAME
DESCRIPTION
1
GL
High current driver output for the low side MOSFET switch. It is always low if GH is high.
GL swings from PGND to PVCC.
2
PVCC
Positive input supply for the low side gate driver. It's recommended to tie the PVCC to the
VCC pin.
3
VCC
Positive input supply for the logic circuitry. Properly bypass this pin to GND with a low ESL/
ESR ceramic capacitor or RC filter.
4
PGND
Power ground pin.
5
GND
Signal ground pin.
6
COMP
Output of the Error Amplifier. It is internally connected to the inverting input of the PWM
comparator. A lead-lag network is typically connected to the COMP pin to compensate the
feedback loop in order to optimize the dynamic performance of the voltage mode control
loop. Sleep mode can be invoked by pulling the COMP pin below 0.3V with an external
open-drain or open-collector transistor. An internal 5µA pull-up ensures start-up.
7, 8, 9
NC
No connect.
10
VFB
Feedback Voltage Pin. It is the inverting input of the Error Amplifier and serves as the
output voltage feedback point for the Buck converter. The output voltage is sensed and
can be adjusted through an external resistor divider.
11
ISET
Overcurrent program pin. A resistor programs the overcurrent threshold. The overcurrent
comparator sets the fault latch and terminates gate pulses when VISET > VSWN and the high
side MOSFET is turned on. This prevents excessive power dissipation in the external
power MOSFETs during an overload condition. An internal delay circuit prevents false
shutdowns that might otherwise occur during very short, mild overload conditions,due to
load transients.
12
SWN
Lower supply rail for the GH high-side gate driver. It also connects to the Current Limit
comparator. Connect this pin to the switching node at the junction between the two
external power MOSFET transistors. This pin monitors the voltage drop across the RDS(ON)
of the high side N-channel MOSFET while it is conducting.
13
GH
High current driver output for the high side MOSFET switch. It is always low if GL is high or
during a fault. GH swings from SWN to BST.
14
BST
High side driver supply pin. Connect BST to the external boost diode and capacitor as
shown in the application schematic on page 1.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: -40°C < TA < 85°C, 3.0V < PVCC = VCC < 5.5V, CCOMP = 22nF, CGH = CGL = 3.3nF, VFB = 0.8V,
SWN = GND = 0V, typical value for design guideline only.
PARAMETER
MIN
TYP
MAX
UNITS CONDITIONS
SOFT START, SHUTDOWN, UVLO
Internal Soft Start Slew Rate
0.1
0.3
0.6
V/ms
COMP pin, on transition from
shutdown
COMP Discharge Current
183
µA
COMP = 0.5V, Fault Initiated
COMP Clamp Voltage
0.55
0.65
0.75
V
VFB = 0.9V
COMP Clamp Current
10
30
65
µA
COMP = 0.5V, VFB = 0.9V
Shutdown Threshold Voltage
0.29
0.34
0.39
V
Measured at COMP Pin
Shutdown Input Pull-up Current
2
5
10
µA
COMP = 0.2V, Measured at COMP pin
VCC Start Threshold
2.63
2.8
2.95
V
VCC Stop Threshold
2.47
2.7
2.9
V
GATE DRIVERS
GH Rise Time
60
110
ns
PVCC > 4.5V
GH Fall Time
60
110
ns
PVCC > 4.5V
GL Rise Time
60
110
ns
PVCC > 4.5V
GL Fall Time
60
110
ns
PVCC > 4.5V
GH to GL Non-Overlap Time
0
100
140
ns
PVCC > 4.5V, measured at 2volt threshold
GL to GH Non-Overlap Time
0
100
140
ns
PVCC > 4.5V, measured at 2volt threshold



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com