Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6128ACY/TR Datasheet(PDF) 8 Page - Exar Corporation

Part # SP6128ACY/TR
Description  Synchronous Step Down PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6128ACY/TR Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP6128ACY/TR Datasheet HTML 2Page - Exar Corporation SP6128ACY/TR Datasheet HTML 3Page - Exar Corporation SP6128ACY/TR Datasheet HTML 4Page - Exar Corporation SP6128ACY/TR Datasheet HTML 5Page - Exar Corporation SP6128ACY/TR Datasheet HTML 6Page - Exar Corporation SP6128ACY/TR Datasheet HTML 7Page - Exar Corporation SP6128ACY/TR Datasheet HTML 8Page - Exar Corporation SP6128ACY/TR Datasheet HTML 9Page - Exar Corporation SP6128ACY/TR Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Rev. 08/19/05
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2005 Sipex Corporation
- V(Diode) V
~ 0 V
5 V
NON-OVERLAP
GH(GL)
10 %
90 %
FALL TIME
2 V
GL(GH)
10 %
90 %
RISE TIME
5 V
2 V
GATE DRIVER TEST CONDITIONS
TIME
~ 2*V(VIN)
~ V(VIN)
BST
Voltage
SWN
V(VCC=VIN)
Voltage
Voltage
Voltage
V(BST)
GL
GH
V(VCC)
0 V
0 V
switch. The ISET current has a temperature coef-
ficient in an effort to first order match the
thermal characteristics of the RDS(ON) of the high
side NMOS switch. It assumed that the SP6128A
will be used in compact designs where there is a
high amount of thermal coupling between the
high side switch and the controller.
Discontinuous Start Up
Today’s distributed power systems require mul-
tiple supply voltages, such as core and I/O
voltages. In many applications, there’s require-
ment on the maximum voltage difference al-
lowed between these supplies at any time. This
requirement can be potentially violated during
power start up when individual power supply
ramps up in sequence or in different slew rates.
As a solution, system designers often pre-charge
power supplies through an external circuit prior
to start up. Unfortunately, under this condition
many existing synchronous controllers turn on
the low side MOSFET during soft start for a
long period of time, thereby, discharging the
output capacitors. The discharge period creates
a number of problems. One is the obvious prob-
lem of losing the intended pre-charged output
voltage. Another problem is a build up of exces-
sive and unchecked current in the low side
MOSFET and inductor. Lastly, this uncontrolled
discharge current creates conditions that could
damage either the distributed power supplies or
the rather expensive “load” ICs.
To prevent soft start from discharging the pre-
charged output, SP6128A has built-in discon-
tinuous start up. This operation disables the low
side MOSFET driver GL during start up until
either there is GH pulse or the internal SSTART
reaches Vcc-1V. This feature eliminates the
output discharging path during start up. During
the steady state operation, the GL is fully en-
gaged, and the operation is identical to regular
synchronous buck converters.
Output Drivers
The SP6128A, unlike some other bipolar con-
troller IC’s, incorporates gate drivers with rail-
to-rail swing that help prevent spurious turn on
due to capacitive coupling. The driver stage
consists of one high side NMOS, 4
Ω driver, GH,
and one low side, 4
Ω, NMOS driver, GL,
optimized for driving external power MOSFET’s
in a synchronous buck topology. The output
drivers also provide gate drive non-overlap
mechanism that provides a dead time between
GH and GL transitions to avoid potential shoot-
through problems in the external MOSFETs.
The following figure shows typical waveforms
for the output drivers.
As with all synchronous designs, care must be
taken to ensure that the MOSFETs are properly
chosen for non-overlap time, enhancement gate
drive voltage, “on” resistance RDS(ON), reverse
transfer capacitance Crss, input voltage and
maximum output current.
OPERATION: continued



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com