Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6128ACY/TR Datasheet(PDF) 4 Page - Exar Corporation

Part # SP6128ACY/TR
Description  Synchronous Step Down PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6128ACY/TR Datasheet(HTML) 4 Page - Exar Corporation

  SP6128ACY/TR Datasheet HTML 1Page - Exar Corporation SP6128ACY/TR Datasheet HTML 2Page - Exar Corporation SP6128ACY/TR Datasheet HTML 3Page - Exar Corporation SP6128ACY/TR Datasheet HTML 4Page - Exar Corporation SP6128ACY/TR Datasheet HTML 5Page - Exar Corporation SP6128ACY/TR Datasheet HTML 6Page - Exar Corporation SP6128ACY/TR Datasheet HTML 7Page - Exar Corporation SP6128ACY/TR Datasheet HTML 8Page - Exar Corporation SP6128ACY/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Rev. 08/19/05
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2005 Sipex Corporation
General Overview
The SP6128A is a constant frequency, voltage
mode, synchronous PWM controller designed
for low voltage, DC/DC step down converters.
It is intended to provide complete control for a
high power, high efficiency, precisely regulated
output voltage from a highly integrated 14-pin
solution.
The internal free-running oscillator accurately
sets the PWM frequency at 300kHz without
requiring any external elements and allows the
use of physically small, low value external com-
ponents without compromising performance. A
transconductance amplifier is used for the error
amplifier, which compares an attenuated sample
of the output voltage with a precision, 0.8V
reference voltage. The output of the error ampli-
fier (COMP), is compared to a 0.75V peak-to-
peak ramp waveform to provide PWM control.
The COMP pin provides access to the output of
the error amplifier and allows the use of external
components to stabilize the voltage loop.
High efficiency is obtained through the use of
synchronous rectification. Synchronous regula-
tors replace the catch diode in the standard buck
converter with a low RDS(ON) N-channel
MOSFET switch allowing for significant ef-
ficiency improvements. The SP6128A in-
cludes two fast MOSFET drivers with inter-
nal non-overlap circuitry and drives a pair of
N-channel power transistors. The SP6128A
includes an internal 0.27V/ms soft-start cir-
cuit that provides controlled ramp up of the
output voltage, preventing overshoot and in-
rush current at power up.
Current limiting is implemented by monitoring
the voltage drop across the RDS(ON) of the high
side N-channel MOSFET while it is conducting,
thereby eliminating the need for an external
sense resistor. The overcurrent threshold can be
programmed by a single resistor.
FUNCTIONAL DIAGRAM
+
-
-
+
-
+
Synchronous
Driver
PWM
Logic
S
Q
R
Reset
Dominant
R
Q
S
VCC
SWN
Reference
6
10
0.8V
UVLO
FAULT
SWN
12
1 GL
13
DRIVER ENABLE
RESET
Dominant
PWM COMP
FAULT
GH
GH
5µA
350mV
SHUTDOWN
GM
ERROR
AMP
Over Current
2.8V ON
2.7V OFF
COMP
SHUTDOWN
F = 300kHz
750mV RAMP
0.27V/ms
SOFTSTART
VFB
COMP
3
-
+
-
+
1V
+
-
GND
5
14 BST
ISET
15µA
2
PVCC
11
PGND
4
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com