Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1738E/2K
Description  Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 3 Page - Texas Instruments

  PCM1738E/2K Datasheet HTML 1Page - Texas Instruments PCM1738E/2K Datasheet HTML 2Page - Texas Instruments PCM1738E/2K Datasheet HTML 3Page - Texas Instruments PCM1738E/2K Datasheet HTML 4Page - Texas Instruments PCM1738E/2K Datasheet HTML 5Page - Texas Instruments PCM1738E/2K Datasheet HTML 6Page - Texas Instruments PCM1738E/2K Datasheet HTML 7Page - Texas Instruments PCM1738E/2K Datasheet HTML 8Page - Texas Instruments PCM1738E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
www.ti.com
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VDD = 3.3 V, VCC = 5 V, SCKI = 256 fS (fS = 44.1 kHz), and 24-bit input data (unless otherwise
noted)
PCM1738E
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DIGITAL INPUT/OUTPUT
Logic family
TTL
compatible
VIH
2
Input logic level
VDC
VIL
0.8
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0 V
–10
VOH
IOH = –2 mA
2.4
Output logic level
VDC
VOL
IOL = 2 mA
1
IOHZ
High-impedance output
5
VOUT = VDD
µA
logic current(1)
IOLZ
5
DYNAMIC PERFORMANCE(2)
fS = 44.1 kHz, VOUT = 0 dB
0.0004%
0.0008%
Total harmonic distortion
THD+N
fS = 96 kHz, VOUT = 0 dB
0.0006%
+ noise
fS = 192 kHz, VOUT = 0 dB
0.0012%
EIAJ, A-weighted, fS = 44.1 kHz
114
117
Dynamic range
A-weighted, fS = 96 kHz
117
dB
A-weighted, fS = 192 kHz
117
EIAJ, A-weighted, fS = 44.1 kHz
114
117
SNR
Signal-to-noise ratio
A-weighted, fS = 96 kHz
117
dB
A-weighted, fS = 192 kHz
117
fS = 44.1 kHz
110
115
Channel separation
fS = 96 kHz
113
dB
fS = 192 kHz
111
Level linearity error
VOUT = –110 dB
±1
dB
DC ACCURACY
VCCM2 voltage
2.45
V
VCCM2 output current
∆V
COM2 < 5%
100
µA
Gain error
±2
% of FSR
Gain mismatch,
±0.5
% of FSR
channel-to-channel
Bipolar zero error
At bipolar zero
±0.5
% of FSR
DSD-MODE DYNAMIC PERFORMANCE at 44.1 kHz, 64 fS(3)
THD+N
Total harmonic distortion
±2.48 mAp-p, full scale
0.0004%
+ noise
Dynamic range
–60 dB, EIAJ, A-weighted
117
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
117
dB
ANALOG OUTPUT
Output current
Full scale (0 dB)
±2.48
mAp-p
DSD mode output current
50% output
±1.24
mAp-p
Center current
Bipolar zero input
0
mA
(1)
Pin 11 (MDO)
(2)
Analog performance specifications are measured using an Audio Precision™System Two™ audio measurement system in the
averaging mode. At 44.1-kHz operation, bandwidth measurement is limited to 20 kHz. At 96 kHz and 192 kHz, bandwidth measurement
is limited to 40 kHz.
(3)
Theoretical performance in DSD modulation index of 100%. Performance is equivalent to the PCM mode.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com