Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1738E/2K
Description  Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 1 Page - Texas Instruments

  PCM1738E/2K Datasheet HTML 1Page - Texas Instruments PCM1738E/2K Datasheet HTML 2Page - Texas Instruments PCM1738E/2K Datasheet HTML 3Page - Texas Instruments PCM1738E/2K Datasheet HTML 4Page - Texas Instruments PCM1738E/2K Datasheet HTML 5Page - Texas Instruments PCM1738E/2K Datasheet HTML 6Page - Texas Instruments PCM1738E/2K Datasheet HTML 7Page - Texas Instruments PCM1738E/2K Datasheet HTML 8Page - Texas Instruments PCM1738E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
BurrBrown Products
from Texas Instruments
PC
M
173
8
FEATURES
APPLICATIONS
DESCRIPTION
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
• AV Receivers
• 24-Bit Resolution
• DVD Movie Players
• Analog Performance (V
CC = 5 V):
• SACD Players
–
Dynamic Range: 117 dB (typical)
• HDTV Receivers
–
SNR: 117 dB (typical)
• Car Audio Systems
–
THD+N: 0.0004% (typical)
• Digital Multitrack Recorders
–
Full-Scale Output: 2.2 Vrms (at
• Other Multichannel Audio Systems
Postamplifier)
• Differential Current Output: ±2.48 mA
• Sampling Frequency: 10 kHz to 200 kHz
The PCM1738 is a CMOS, monolithic, integrated
• System Clock: 128, 192, 256, 384, 512, or 768
circuit (IC) that includes stereo digital-to-analog
fS With Autodetect
converters (DACs) and support circuitry in a small
SSOP-28 package. The data converters use a newly
• Accepts 16-, 20-, and 24-Bit Audio Data
developed advanced segment DAC architecture to
• Data Formats: Standard, I2S, and Left-Justified
achieve
excellent
dynamic
performance
and
• 8× Oversampling Digital Filter:
improved tolerance to clock jitter. The PCM1738
–
Stop-Band Attenuation: –82 dB
provides balanced current outputs, allowing the user
to optimize analog performance externally, and
–
Pass-Band Ripple:
±0.002 dB
accepts industry-standard audio data formats with
• Optional Interface to External Digital Filter
16- to 24-bit data, providing easy interfacing to audio
Available
DSP and decoder chips. Sampling rates up to 200
• Optional Interface to DSD Decoder for SACD
kHz are supported. The PCM1738 also has two
optional modes of operation: an external digital filter
Playback
mode (for use with the DF1704, DF1706, and
• User-Programmable Mode Controls:
PMD200), and a DSD decoder interface for SACD
–
Digital Attenuation: 0 dB to –120 dB, 0.5
playback
applications.
A
full
set
of
dB/Step
user-programmable functions is accessible through a
4-wire serial control port that supports register write
–
Digital De-Emphasis
and read functions.
–
Digital Filter Rolloff: Sharp or Slow
–
Soft Mute
–
Zero-Detect Mute
–
Zero Flags for Each Output
• Dual-Supply Operation:
–
5-V Analog, 3.3-V Digital
• 5-V Tolerant Digital Inputs
• Small SSOP-28 Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Audio Precision, System Two are trademarks of Audio Precision, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1738E/2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1738E/2K TI2-PCM1738E/2K Datasheet
649Kb / 47P
24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
REVISED FEBRUARY 2007
PCM1738E/2K.B TI2-PCM1738E/2K.B Datasheet
649Kb / 47P
24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
REVISED FEBRUARY 2007
More results

Similar Description - PCM1738E/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1717 BURR-BROWN-PCM1717 Datasheet
126Kb / 14P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com