Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1738E/2K
Description  Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 3Page - Texas Instruments PCM1738E/2K Datasheet HTML 4Page - Texas Instruments PCM1738E/2K Datasheet HTML 5Page - Texas Instruments PCM1738E/2K Datasheet HTML 6Page - Texas Instruments PCM1738E/2K Datasheet HTML 7Page - Texas Instruments PCM1738E/2K Datasheet HTML 8Page - Texas Instruments PCM1738E/2K Datasheet HTML 9Page - Texas Instruments PCM1738E/2K Datasheet HTML 10Page - Texas Instruments PCM1738E/2K Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
www.ti.com
TYPICAL PERFORMANCE CURVES
DIGITAL FILTER
Frequency [
× fS]
0.0
0.1
0.2
0.3
0.4
0.5
0.003
0
−0.001
−0.003
0.001
0.002
−0.002
G002
Frequency [
× fS]
−160
−140
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
G001
Frequency [
× fS]
−20
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
G004
Frequency [
× fS]
−140
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
G003
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
All specifications at T
A = 25°C, VDD = 3.3 V, VCC = 5 V, SCKI = 256 fS (fS = 44.1 kHz), and 24-bit input data (unless otherwise
noted).
De-Emphasis Off, f
S = 44.1kHz
FREQUENCY RESPONSE (Sharp Rolloff)
PASS-BAND RIPPLE (Sharp Rolloff)
Figure 1.
Figure 2.
FREQUENCY RESPONSE (Slow Rolloff)
TRANSITION CHARACTERISTICS (Slow Rolloff)
Figure 3.
Figure 4.
A
A
A
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com