Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8464BTP-3 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464BTP-3
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464BTP-3 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP8464BTP-3 Datasheet HTML 1Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 2Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 3Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 4Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 5Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 6Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 7Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 8Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DC Electrical Characteristics Over Recommended Operating Temperature and Supply Range VREF e 05V
Set Hysteresis e 03V Read Write e 03V unless otherwise noted All pin numbers refer to the 24 pin dual-in-line package
(Continued)
Symbol
Pins
Parameter
Conditions
Min
Typ
Max
Units
WRITE MODE
ZINAI
67
Amp In Impedance
VPIN 11 e20V
50
250
X
in Write Mode
ICAGCb
16
Pin 16 Current
VPIN 11 e20V
1
5
m
A
in Write Mode
VPIN 16 e39V
lVPIN 21b
VPIN 22
l e13 VDC
DIGITAL PINS
VIH
1113
High Level Input
2
V
Voltage
VIL
1113
Low Level Input
08
V
Voltage
VI
1113
Input Clamp
VCC e Min
b
15
V
Voltage
II eb18 mA
IIH
1113
High Level Input
VCC e Max
20
m
A
Current
VI e 27V
II
1113
Input Current at
VCC e Max
1
mA
Maximum Input
VI e 55V
Voltage
IIL
1113
Low Level Input
VCC e Max
b
200
m
A
Current
VI e 05V
VOH
1214
High Level Output
VCC e Min
27
V
15
Voltage
IOH eb40 mA
(Note 4)
VOL
1214
Low Level Output
VCC e Min
05
V
15
Voltage
IOL e 800 mA
(Note 4)
IOS
1214
Output Short
VCC e Max
b
100
mA
15
Circuit Current
VO e OV
ICC
9
Supply Current
VCC e Max
54
75
mA
AC Electrical Characteristics
Over Recommended Operating Temperature and Supply Range unless otherwise noted
Symbol
Pins
Parameter
Conditions
Typ
Max
Units
DP8464B-2
14
Pulse Pairing
(See Pulse Pairing Set Up)
g
15
g
3ns
tpp
DP8464B-3
14
Pulse Pairing
(See Pulse Pairing Set Up)
g
2
g
5ns
tpp
DP8464B-1
14
Pulse Pairing
(See Pulse Pairing Set Up)
g
05
g
1ns
tpp
at 25 CVCC e 12V only
Note 1
The temperature coefficient of the input impedance is typically 005% per degree C
Note 2
The AGC Threshold is defined as the voltage across the Gate Channel Input (pins 21 and 22) when the voltage on CAGC (pin 16) is 42V
Note 3
The Set Hysteresis Threshold is defined as the minimum differential AC signal across the Gate Channel Input (pins 21 and 22) which causes the voltage on
the Channel Alignment Output (pin 15) to change state
Note 4
To prevent inductive coupling from the digital outputs to Amp In the TTL outputs should not drive more than one ALS TTL load each
Note 5
The following pins did not meet the 2000V ESD test with the human body model 120 pF thru 15 kX Pins 1 2 3 10 11 12 14 21 24
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com