Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8464BTP-3 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464BTP-3
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464BTP-3 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP8464BTP-3 Datasheet HTML 12Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 13Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 14Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 15Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 16Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 17Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 18Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 19Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Application Information (Continued)
PULSE DETECTOR OPERATION IN REGIONS 1 AND 2
Figure 14 shows the input waveform for the lowest frequen-
cy followed by the highest frequency for an MFM code In
MFM the highest frequency is twice the lowest frequency
The outer track has the least flux changes per inch (FCI)
and is illustrated in the waveforms at the top There is so
much room between the pulses that the signal returns to the
baseline for the lowest frequency while there is shouldering
at the highest frequency As you go towards the inner track
the pulses become more crowded and bit interaction oc-
curs At the third curve down (N c 17 FCI) there is shoul-
dering at the lowest frequency while the highest frequency
is almost sinusoidal At higher bit densities the lowest fre-
quency looks sinusoidal while the highest frequency is de-
creasing in amplitude In
Figure 14 the first three wave-
forms are examples of Region 1 operation (very little
change in amplitude with frequency) The last two wave-
forms are examples of Region 2 operation
In a disk system the bit density changes about a factor of
17 between the inner and the outer track For instance if
the input waveform for the F-2F signal on the inner track of
a system looks similar to waveform
4in
Figure 14 (N c
22 FCI) then the outer track will have a bit density that is
approximately N c 2217 or N c 13 FCI This is shown in
the second waveform Tracks half the way in will have a bit
density of the average between the inner and outer tracks
in this case N c 17 FCI which is illustrated in the third
waveform Note that the analog waveforms change consid-
erably with track location Self-gating circuits (‘‘desnakers’’)
can be used in MFM systems which operate in these last
three curves (from N c 17 FCI to N c 29 FCI) If the FCI
becomes much less the shouldering on the lowest frequen-
cy will let in too much noise If the FCI is increased the peak
resolution gets very poor Now we can compare these
waveforms to longer run length limited codes
Figure 15 shows the analog waveform for the lowest fre-
quency followed by the highest frequency for a 27 code In
the 27 code the frequency range is from F to 266 c F
Unlike the MFM code there is no region where the self-gat-
ing ‘‘desnaker’’ will work on both the inner and outer tracks
TLF5283 – 20
FIGURE 14 MFM F-2F Pulse Waveforms
for Various Flux Changes per Inch
TLF5283 – 21
FIGURE 15 F-266 c F Pulse Waveforms
for Various Flux Changes per Inch
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com